Electronic Components Datasheet Search
  English  ▼

X  

OPA310 Datasheet(PDF) 11 Page - Texas Instruments

Part # OPA310
Description  OPAx310-Q1 Automotive High Output Current, 5V, RRIO, 3MHz Operational Amplifier with Shutdown
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA310 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA310 Datasheet HTML 7Page - Texas Instruments OPA310 Datasheet HTML 8Page - Texas Instruments OPA310 Datasheet HTML 9Page - Texas Instruments OPA310 Datasheet HTML 10Page - Texas Instruments OPA310 Datasheet HTML 11Page - Texas Instruments OPA310 Datasheet HTML 12Page - Texas Instruments OPA310 Datasheet HTML 13Page - Texas Instruments OPA310 Datasheet HTML 14Page - Texas Instruments OPA310 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
5.7 Electrical Characteristics (continued)
For VS = (V+) – (V–) = 1.5V to 5.5V (±0.75V to ±2.75V) at TA = 25°C, RL = 10kΩ connected to VS / 2, VCM = VS / 2, and VO UT
= VS / 2, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT
VOH
Voltage output swing
from positive rail
VS = 1.8V, RL = 2kΩ to VS / 2
10
21
mV
VS = 1.8V, RL = 10kΩ to VS / 2
2
11
VS = 1.8V, RL = 2kΩ to VS / 2
TA = –40°C to 125°C
51
VS = 1.8V, RL = 10kΩ to VS / 2
TA = –40°C to 125°C
26
VS = 5.5V, RL = 2kΩ to VS / 2
3.5
20
VS = 5.5V, RL = 10kΩ to VS / 2
0.75
9
VS = 5.5V, RL = 2kΩ to VS / 2
TA = –40°C to 125°C
30
VS = 5.5V, RL = 10kΩ to VS / 2
TA = –40°C to 125°C
14
VOL
Voltage output swing
from negative rail
VS = 1.8V, RL = 2kΩ to VS / 2
5.5
15
VS = 1.8V, RL = 10kΩ to VS / 2
1.2
10
VS = 1.8V, RL = 2kΩ to VS / 2
TA = –40°C to 125°C
45
VS = 1.8V, RL = 10kΩ to VS / 2
TA = –40°C to 125°C
25
VS = 5.5V, RL = 2kΩ to VS / 2
3.5
17.5
VS = 5.5V, RL = 10kΩ to VS / 2
0.75
10
VS = 5.5V, RL = 2kΩ to VS / 2
TA = –40°C to 125°C
27.5
VS = 5.5V, RL = 10kΩ to VS / 2
TA = –40°C to 125°C
11
ISC
Short-circuit current (5) VS = 1.8V
±20
mA
Short-circuit current
(2) (5)
VS = 1.8V, TA = –40℃ to 125℃
±6
mA
Short-circuit current (5) VS = 5.5V, OPA2310 -Q1
±75
±150
mA
ISC
Short-circuit current (5) VS = 5.5V, OPA310-Q1 and OPA4310-Q1
±110
mA
ZO
Open-loop output
impedance
f = 10kHz
1000
Ω
POWER SUPPLY
IQ
Quiescent current per
amplifier
VS = 1.5V, IO = 0 A, SHDN = V+ for shutdown
devices
165
190
µA
VS = 1.5V, IO = 0 A, SHDN = V+ for shutdown
devices
TA = –40°C to 125°C
165
210
µA
VS = 5.5V, IO = 0 A, SHDN = V+ for shutdown
devices
165
200
µA
TA = –40°C to 125°C
215
Power-on time
At TA = 25°C, VS = 5.5V, VS ramp rate > 0.3V/µs
125
μs
www.ti.com
OPA310-Q1
SBOSAI0B – DECEMBER 2023 – REVISED SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: OPA310-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com