Electronic Components Datasheet Search
  English  ▼

X  

AD8488 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8488
Description  Digital X-Ray Analog Front End
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8488 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8488 Datasheet HTML 5Page - Analog Devices AD8488 Datasheet HTML 6Page - Analog Devices AD8488 Datasheet HTML 7Page - Analog Devices AD8488 Datasheet HTML 8Page - Analog Devices AD8488 Datasheet HTML 9Page - Analog Devices AD8488 Datasheet HTML 10Page - Analog Devices AD8488 Datasheet HTML 11Page - Analog Devices AD8488 Datasheet HTML 12Page - Analog Devices AD8488 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Data Sheet
AD8488
Rev. A | Page 9 of 20
SIGNAL MNEMONICS
Table 6. 255-Ball CSP_BGA Ball Assignment (Numerically by Ball Number)
Ball
Signal
A2
IN108
A3
IN107
A4
IN106
A5
IN80
A6
IN84
A7
IN110
A8
IN111
A9
IN112
A10
IN115
A11
IN119
A12
IN124
A13
NC
A14
GNSEL3
A15
NC
A16
RST
B1
IN103
B2
IN102
B3
IN101
B4
IN100
B5
IN99
B6
IN98
B7
IN105
B8
IN104
B9
IN113
B10
IN116
B11
IN120
B12
IN125
B13
NC
B14
GNSEL2
B15
CF1SEL1
B16
DVDD
C1
IN97
C2
IN96
C3
IN95
C4
IN94
C5
IN93
C6
IN92
C7
IN81
C8
IN74
C9
IN114
C10
IN117
C11
IN121
C12
IN127
C13
NC
Ball
Signal
C14
GNSEL1
C15
CF1SEL0
C16
DVDD
D1
IN91
D2
IN90
D3
IN89
D4
IN88
D5
IN87
D6
IN86
D7
IN85
D8
IN83
D9
IN118
D10
IN109
D11
IN123
D12
IN126
D13
NC
D14
GNSEL0
D15
CLK
D16
DVDD
E1
IN75
E2
IN69
E3
IN68
E4
IN82
E5
AGND
E6
AGND
E7
AGND
E8
AGND
E9
AGND
E10
NC
E11
IN122
E12
NC
E13
NC
E14
CK_ENa
E15
IRST
E16
DVDD
F1
IN79
F2
IN78
F3
IN77
F4
IN76
F5
AGND
F6
AVDD
F7
AVDD
F8
AVDD
F9
AVDD
Ball
Signal
F10
AVDD
F11
NC
F12
OUTLOW
F13
NC
F14
CK_ENb
F15
DVDD
F16
DGND
G1
IN73
G2
IN72
G3
IN71
G4
IN70
G5
AGND
G6
AVDD
G7
AGND
G8
AGND
G9
AGND
G10
AGND
G11
AVDD
G12
OUTHIGH
G13
NC
G14
WR
G15
DGND
G16
DGND
H1
IN67
H2
IN66
H3
IN65
H4
IN64
H5
AGND
H6
AVDD
H7
AGND
H8
AGND
H9
AGND
H10
AGND
H11
AVDD
H12
AVDD
H13
NC
H14
GRST
H15
DGND
H16
DGND
J1
IN63
J2
IN62
J3
IN61
J4
IN60
J5
AGND
Ball
Signal
J6
AVDD
J7
AGND
J8
AGND
J9
AGND
J10
AGND
J11
AVDD
J12
NC
J13
NC
J14
TST_MODE
J15
DGND
J16
DGND
K1
IN59
K2
IN58
K3
IN57
K4
IN56
K5
AGND
K6
AVDD
K7
AGND
K8
AGND
K9
AGND
K10
AGND
K11
AVDD
K12
VREF_ESD
K13
NC
K14
TST6
K15
DGND
K16
DGND
L1
IN55
L2
IN54
L3
IN53
L4
IN52
L5
AGND
L6
AVDD
L7
AGND
L8
AVDD
L9
AVDD
L10
AVDD
L11
AVDD
L12
VREF
L13
NC
L14
TST5
L15
DVDD
L16
DGND
M1
IN47
Ball
Signal
M2
IN50
M3
IN49
M4
IN48
M5
AGND
M6
AGND
M7
AGND
M8
AGND
M9
AGND
M10
AGND
M11
AGND
M12
NC
M13
NC
M14
TST4
M15
CS_B
M16
DVDD
N1
IN41
N2
IN46
N3
IN45
N4
IN44
N5
IN43
N6
IN42
N7
IN51
N8
IN32
N9
IN40
N10
IN33
N11
IN0
N12
IN9
N13
NC
N14
CS_A
N15
TST3
N16
DVDD
P1
IN31
P2
IN39
P3
IN37
P4
IN38
P5
IN36
P6
IN35
P7
IN34
P8
IN24
P9
IN14
P10
IN12
P11
IN1
P12
IN7
P13
NC
Ball
Signal
P14
PWR
P15
TST2
P16
DVDD
R1
IN25
R2
IN26
R3
IN27
R4
IN28
R5
IN29
R6
IN30
R7
IN23
R8
IN22
R9
IN15
R10
IN11
R11
IN5
R12
IN6
R13
NC
R14
FSEL0
R15
TST1
R16
DVDD
T1
IN19
T2
IN18
T3
IN17
T4
IN8
T5
IN16
T6
IN20
T7
IN21
T8
IN13
T9
IN10
T10
IN4
T11
IN2
T12
IN3
T13
NC
T14
FSEL1
T15
TST0
T16
HOLD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com