Electronic Components Datasheet Search
  English  ▼

X  

AD8488 Datasheet(PDF) 18 Page - Analog Devices

Part # AD8488
Description  Digital X-Ray Analog Front End
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8488 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8488 Datasheet HTML 12Page - Analog Devices AD8488 Datasheet HTML 13Page - Analog Devices AD8488 Datasheet HTML 14Page - Analog Devices AD8488 Datasheet HTML 15Page - Analog Devices AD8488 Datasheet HTML 16Page - Analog Devices AD8488 Datasheet HTML 17Page - Analog Devices AD8488 Datasheet HTML 18Page - Analog Devices AD8488 Datasheet HTML 19Page - Analog Devices AD8488 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
AD8488
Data Sheet
Rev. A | Page 18 of 20
OUTLINE DIMENSIONS
*COMPLIANT TO JEDEC STANDARDS MS-034-AAF-1
WITH EXCEPTION TO PACKAGE HEIGHT AND THICKNESS.
1.00
BSC
1.00
REF
A
B
C
D
E
F
G
9
10
8
11
12
13
14
7
5
6
4
2
3
1
BOTTOM VIEW
15.00
BSC SQ
H
J
K
L
M
N
P
0.40 MIN
DETAIL A
TOP VIEW
DETAIL A
COPLANARITY
0.20
0.70
0.60
0.50
BALL DIAMETER
SEATING
PLANE
17.20
17.00 SQ
16.80
A1 BALL
CORNER
A1 BALL
CORNER
*2.20
2.00
1.80
*1.60
1.50
1.40
15
16
R
T
Figure 20. 255-Ball Chip-Scale Package Ball Grid Array [CSP_BGA]
(BC-255-1)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
AD8488KBCZ
0°C to +85°C
255-Ball CSP_BGA
BC-255-1
1
Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com