Electronic Components Datasheet Search
  English  ▼

X  

AD8488 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8488
Description  Digital X-Ray Analog Front End
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8488 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8488 Datasheet HTML 7Page - Analog Devices AD8488 Datasheet HTML 8Page - Analog Devices AD8488 Datasheet HTML 9Page - Analog Devices AD8488 Datasheet HTML 10Page - Analog Devices AD8488 Datasheet HTML 11Page - Analog Devices AD8488 Datasheet HTML 12Page - Analog Devices AD8488 Datasheet HTML 13Page - Analog Devices AD8488 Datasheet HTML 14Page - Analog Devices AD8488 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Data Sheet
AD8488
Rev. A | Page 11 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
0
0.05
CHANNEL NUMBER
100
90
80
70
60
50
10
40
30
20
130
120
110
G = 5V/V
CF1 = 0.9pF
TCASE = 30°C
CPANEL = 38pF
0.04
0.03
0.02
0.01
0
–0.01
–0.02
–0.03
–0.04
–0.05
Figure 4. Linearity Error vs. Channel
0
CHANNEL NUMBER
100
90
80
70
60
50
10
40
30
20
130
120
110
G = 10
CF1 = 0.9pF
TCASE = 40°C
CPANEL = 38pF
1100
900
1000
1200
1300
1400
1500
800
Figure 5. Input Referred Noise (QNI) vs. Channel, CPANEL = 38 pF, TCASE = 40°C
0
CHANNEL NUMBER
100
90
80
70
60
50
10
40
30
20
130
120
110
7
2
3
4
5
6
8
9
10
11
12
1
GAIN = 10
GAIN = 2
GAIN = 4
GAIN = 8
CF1 = 0.9pF
TCASE = 30°C
CPANEL= 38pF
VOUT = –104mV
Figure 6. Gain vs. Channel for Four Values of Gain
300
0
50
100
150
200
250
350
400
450
500
0
CHANNEL NUMBER
100
90
80
70
60
50
10
40
30
20
130
120
110
G = 1V/V
TCASE = 30°C
CPANEL= 38pF
VOUT = –104mV
CF1 = 0.45pF
CF1 = 0.9pF
CF1 = 3.5pF
CF1 = 7pF
Figure 7. CCR vs. Channel for Four Values of CF1
1100
0
850
900
950
1000
1050
1150
1200
1250
1300
800
TEMPERATURE (°C)
60
50
10
40
30
20
TYPICAL NOISE:
AVERAGE OF 128
CHANNELS
G = 10
CF1 = 0.9pF
CPANEL = 38pF
Figure 8. Input Referred Noise (QNI) vs. Temperature
0
0.004
CHANNEL NUMBER
100
90
80
70
60
50
10
40
30
20
130
120
110
TEMPERATURE
SPAN
0.003
0.002
0.001
0
–0.001
–0.002
–0.003
–0.004
G = 10V/V
CF1 = 0.9 pF
TCASE = 0°C TO 60°C
CPANEL = 38pF
VOUT = –104mV
0°C TO 20°C
0°C TO 40°C
0°C TO 60°C
Figure 9. Gain Drift vs. Channel for Various Temperature Spans



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com