Electronic Components Datasheet Search
  English  ▼

X  

AD8488 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8488
Description  Digital X-Ray Analog Front End
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8488 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8488 Datasheet HTML 9Page - Analog Devices AD8488 Datasheet HTML 10Page - Analog Devices AD8488 Datasheet HTML 11Page - Analog Devices AD8488 Datasheet HTML 12Page - Analog Devices AD8488 Datasheet HTML 13Page - Analog Devices AD8488 Datasheet HTML 14Page - Analog Devices AD8488 Datasheet HTML 15Page - Analog Devices AD8488 Datasheet HTML 16Page - Analog Devices AD8488 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Data Sheet
AD8488
Rev. A | Page 13 of 20
THEORY OF OPERATION
OVERVIEW
The AD8488 is a 128-channel AFE intended for interfacing thin film
transistor (TFT) detector panel arrays in various digital X-ray
applications (see Figure 1). The device includes a 128 dual stage,
charge conversion amplifiers, internal timing, and control circuitry,
a 128:1 differential output multiplexer, and an analog output buffer.
Only the detector panel and a minimal amount of analog circuitry are
required to complete a 128-channel analog X-ray interface. The
AD8488 AFE is packaged in a compact, 17 mm × 17 mm,
255-lead BGA.
Analog Amplifier
The AD8488 analog inputs are suitable for ac or dc connection to
128 X-ray detector panel outputs. The analog amplifier consists of
two stages: an integrator followed by a correlated double sampling
gain amplifier. Figure 16 is a simplified block diagram showing the
basic elements of an analog channel.
The characteristic CMOS high gate impedance of the integrator
minimizes source loading. Prior to sampling a gate line, all 128 mux
analog channels are initialized with RST, as shown in Figure 17.
During the 6.1 µs GRST period, the gain amplifier acquires the
reference level (2.048 V) and any low frequency ambient noise.
Just prior to gate sampling, both op amps are unlocked and the
feedback capacitors, CF1 and CF2, are connected. When a TFT gate
line is activated (reference the bottom signal, TFT_GATE, in
Figure 17), the charge of each detector cell is applied simultaneously
to all 128 MOSFET integrator circuits, which begin to ramp over a
12 µs interval. As seen in Figure 16, the op amps are biased at the
reference voltage, plus offset and low frequency noise error voltages.
Together, the resultant differential output voltage comprises the
CDS or correlated double sampled composite. Following the sampling
period, the pixel charges are stored, and the charge is held for the
next 133 clock cycles while the 128 channels are muxed and sampled
sequentially. As the channels are selected in sequence, their outputs
are applied to a dual channel, high precision, current feedback, high
frequency op amp. The AD8488 was designed to drive an ADC such
as the AD9244 differential input high speed converter.
The mux channels are enabled and selected by the timing inputs,
CK_ENa and CK_ENb. These two signals gate the clock and internal
counter that actually selects the mux channel. The multiplexers must
be read sequentially as one interprets from the CK_ENa and CK_ENb
lines in Figure 17. The read time for each channel is 1 clock cycle. The
timing signals, GATED CLKa and GATED CLKb, are developed
internally and are shown in Figure 17 for reference only.
Troubleshooting Channels
Using the TST_MODE enable pin, individual channels are accessible
for troubleshooting. Referring to Table 8, the channel address follows
two initialization words, 0x01 and 0x02, while the enable pin,
TST_MODE, is asserted high.
IN0 TO IN127
SWIRST
SWHOLD
TO
MUX
VREF
INTEGRATOR
GAIN
AMPLIFIER
CM
SWHOLD
SWGRST
SWGRST
CFx: FEEDBACK CAPACITOR
CH: HOLD CAPACITOR
GNSEL0
TO
GNSEL3
GNSEL0
TO
GNSEL3
R1 (×4)
R1 (×4)
CF1 (×4)
CF2 = 0.5pF
CF2 = 0.5pF
CH (×4)
CH (×4)
Figure 16. Block Diagram of an Integrator Channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com