Electronic Components Datasheet Search
  English  ▼

X  

AD8488 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8488
Description  Digital X-Ray Analog Front End
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8488 Datasheet(HTML) 3 Page - Analog Devices

  AD8488 Datasheet HTML 1Page - Analog Devices AD8488 Datasheet HTML 2Page - Analog Devices AD8488 Datasheet HTML 3Page - Analog Devices AD8488 Datasheet HTML 4Page - Analog Devices AD8488 Datasheet HTML 5Page - Analog Devices AD8488 Datasheet HTML 6Page - Analog Devices AD8488 Datasheet HTML 7Page - Analog Devices AD8488 Datasheet HTML 8Page - Analog Devices AD8488 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Data Sheet
AD8488
Rev. A | Page 3 of 20
SPECIFICATIONS
Default test conditions, unless otherwise specified: VDD = 5 V, VCC = 5 V, LPF resistor (R1) = 130 kΩ, base panel temperature = 30°C, Pin PWR = logic
low, G = 1 V/V, CH = 0.5 pF, and CPANEL = 38 pF.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT LEAKAGE CURRENT
−10
−1.5
+10
pA/channel
CHARGE CONVERSION RATE1
See Figure 16
CF1 = 0.45 pF
1.7
2.3
2.9
V/pC
CF1 = 0.9 pF
0.85
1.1
1.4
V/pC
CF1 = 3.5 pF
0.21
0.28
0.36
V/pC
CF1 = 7 pF
0.10
0.14
0.18
V/pC
GAIN CHARACTERISTICS
Accuracy2
CF1 = 7 pF
G = 1
0.98
1
1.02
V/V
G = 2
1.96
2
2.04
V/V
G = 3
2.94
3
3.06
V/V
G = 4
3.92
4
4.08
V/V
G = 5
4.9
5
5.1
V/V
G = 6
5.88
6
6.12
V/V
G = 7
6.86
7
7.14
V/V
G = 8
7.84
8
8.16
V/V
G = 9
8.82
9
9.18
V/V
G = 10
9.8
10
10.2
V/V
Gain Step
Linear to 7 pC input charge
1
V/V
Error vs. Temperature3
0.003
%/°C
MAXIMUM INPUT CHARGE
CF1 = 0.45 pF
0.45
pC
CF1 = 0.9 pF
0.9
pC
CF1 = 3.5 pF
3.5
pC
CF1 = 7 pF
7
pC
CLOCK
Frequency
1
15
MHz
Rise and Fall Time
6
ns
LOGIC INTERFACE
WR, CF1SELx, FSELx, GNSELx, HOLD, GRST, IRST,
TSTx, CK_ENx, PWR, CS_A, CS_B
Input High
3.25
V
Input Low
1.15
V
Leakage Current
14.5e−6
1
µA
POWER SUPPLY
Analog Supply
Voltage (AVDD)
4.75
5
5.25
V
Quiescent Current (AIDD)
Pin PWR logic low
230
285
350
mA
Current in Low Power Mode
Pin PWR logic high
65
90
100
mA
Power Consumption
Normal
Pin PWR logic low
11
mW/channel
Low Power
Pin PWR logic high
4
mW/channel
Digital Supply
Voltage (DVDD)
4.75
5
5.25
V
Quiescent Current (DIDD)
2
10
mA
REFERENCE VOLTAGE
VREF
2.048
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com