Electronic Components Datasheet Search
  English  ▼

X  

BNT02 Datasheet(PDF) 1 Page - BeRex Corporation

Part # BNT02
Description  40-6000 MHz BroadBand AMP
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BNT02 Datasheet(HTML) 1 Page - BeRex Corporation

  BNT02 Datasheet HTML 1Page - BeRex Corporation BNT02 Datasheet HTML 2Page - BeRex Corporation BNT02 Datasheet HTML 3Page - BeRex Corporation BNT02 Datasheet HTML 4Page - BeRex Corporation BNT02 Datasheet HTML 5Page - BeRex Corporation BNT02 Datasheet HTML 6Page - BeRex Corporation BNT02 Datasheet HTML 7Page - BeRex Corporation BNT02 Datasheet HTML 8Page - BeRex Corporation BNT02 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
40-6000 MHz BroadBand AMP
BNT02
1
Rev. 5.3
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2021 BeRex
• Gain = 17.5 dB @ 3500MHz
• OIP3 = 37.5 dBm @ 3500MHz
• Output P1 dB = 19.6 dBm @ 3500 MHz
• N.F = 1.5dB @ 3500MHz
• Internally matched to 50 ohms
• RoHS2-compliant SOT-89 SMT package
The BNT02 is a BroadBand, GaAs E-pHEMT Ampli-
fier that is ideal for applications demanding high
linearity & Low Noise Figure in a wideband of 40-
6000 MHz. The BNT02 is internally matched to 50
Ohms. It is available in RoHS2-compliant SOT-89
SMT package. These devices are 100% DC and RF
tested to assure quality and performance.
Product Description
Device Features
• Repeaters
• Mobile Infrastructure
• Defense/Aerospace
• LTE / WCDMA / EDGE / CDMA /5G NR
• General Purpose Wireless
• IF amplifier, RF driver amplifier
Applications
Applications Circuit
BOM
70MHz
900MHz
1.8GHz
3.5GHz
2.65GHz
C1
10nF
200pF
4.7pF
47pF
3.5pF
C2
10nF
200pF
200pF
1pF
3.5pF
C3
100pF
100pF
100pF
100pF
100pF
C4
1uF
1uF
1uF
1uF
1uF
L1
820nH
33nH
3.3nH
22nH
5.6nH
C1
C2
RF In
RF Out
BNT02
Vdd
L1
C3
C4
Recommended Operating Conditions
Parameter
Conditions
Min
Typ
Max
Unit
Operational
Frequency Range
40
6000
MHz
Test Frequency
3500
MHz
Gain
16.0
17.5
dB
Input Return Loss
13.2
dB
Output Return Loss
12.5
dB
Output IP3
5 dBm / tone ,
Δf=1 MHz
34.5
37.5
dBm
Output P1dB
18.6
19.6
dBm
Noise Figure
1.5
1.7
dB
Electrical specifications are measured at specified test conditions.
Specifications are not guaranteed over all recommended operating conditions.
Parameter
Min
Typ
Max
Unit
Bandwidth
40
6000
MHz
Id @ (Vd = 5.0V)
68
85
102
mA
Id @ (Vd = 3.3V)
39
48
57
mA
Vd
3.3
5
5.25
V
dG/dT
0.006
dB/°C
RTH
49.4
°C/W
Operating Case Temperature
-40
+105
°C
Electrical Specifications
Device performance _ measured on a BeRex evaluation board at 25°C, Vd=5V, 50 Ω system.
Device performance _ measured on a BeRex evaluation board at 25°C, Vd=3.3V, 50 Ω system.
Parameter
Conditions
Min
Typ
Max
Unit
Operational
Frequency Range
40
6000
MHz
Test Frequency
3500
MHz
Gain
15.2
16.7
dB
Input Return Loss
11.6
dB
Output Return Loss
10.8
dB
Output IP3
5 dBm / tone ,
Δf=1 MHz
28.1
31.1
dBm
Output P1dB
15.0
16.0
dBm
Noise Figure
1.5
1.7
dB
* N.F : Losses on input and output transmission lines on PCB are not de-embedded.
* N.F : Losses on input and output transmission lines on PCB are not de-embedded.


Similar Part No. - BNT02

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BNT01 BEREX-BNT01 Datasheet
1Mb / 17P
1.5 -3.0 GHz Wideband High Linearity LNA Gain Block
BNT01 BEREX-BNT01 Datasheet
983Kb / 17P
1.5 -3.0 GHz Wideband High Linearity LNA Gain Block
BNT01 BEREX-BNT01 Datasheet
1Mb / 17P
1500 -3000 MHz Wideband High Linearity LNA Gain Block
Rev. 9.6
BNT01 BEREX-BNT01_18 Datasheet
983Kb / 17P
1.5 -3.0 GHz Wideband High Linearity LNA Gain Block
BNT01 BEREX-BNT01_V01 Datasheet
1Mb / 17P
1500 -3000 MHz Wideband High Linearity LNA Gain Block
Rev. 9.6
More results

Similar Description - BNT02

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
FM-106 MACOM-FM-106 Datasheet
193Kb / 2P
Broadband Frequency Doubler, 400 - 6000 MHz Output
logo
Micronetics, Inc.
NMA2514-1T MICRONETICS-NMA2514-1T Datasheet
314Kb / 2P
High Power Broadband Noise Sources 100 MHz to 6000 MHz
NMA2514-2T MICRONETICS-NMA2514-2T Datasheet
335Kb / 2P
High Power Broadband Noise Sources 100 MHz to 6000 MHz
logo
Teledyne Technologies I...
A2CP6005 TELEDYNE-A2CP6005 Datasheet
125Kb / 2P
2000-6000 MHz 2000-6000 MHz
TSA-213245 TELEDYNE-TSA-213245 Datasheet
173Kb / 2P
2000 TO 6000 MHz, 40 WATTS HIGH POWER GaN AMPLIFIER
logo
BeRex Corporation
BBA02 BEREX-BBA02 Datasheet
1Mb / 21P
40-6000 MHz BroadBand AMP
BBA02 BEREX-BBA02_18 Datasheet
1Mb / 21P
40-6000 MHz BroadBand AMP
logo
Skyworks Solutions Inc.
SKYA21051 SKYWORKS-SKYA21051 Datasheet
4Mb / 22P
200 to 6000 MHz Broadband Low-Noise Amplifier
SKY67183-396LF SKYWORKS-SKY67183-396LF Datasheet
2Mb / 14P
400 to 6000 MHz Broadband Low-Noise Amplifier
January 9, 2020
SKY67189-396LF SKYWORKS-SKY67189-396LF Datasheet
913Kb / 10P
400 to 6000 MHz Broadband Low-Noise Amplifier
February 21, 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com