Electronic Components Datasheet Search
  English  ▼

X  

BNT02 Datasheet(PDF) 17 Page - BeRex Corporation

Part # BNT02
Description  40-6000 MHz BroadBand AMP
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BNT02 Datasheet(HTML) 17 Page - BeRex Corporation

Back Button BNT02 Datasheet HTML 13Page - BeRex Corporation BNT02 Datasheet HTML 14Page - BeRex Corporation BNT02 Datasheet HTML 15Page - BeRex Corporation BNT02 Datasheet HTML 16Page - BeRex Corporation BNT02 Datasheet HTML 17Page - BeRex Corporation BNT02 Datasheet HTML 18Page - BeRex Corporation BNT02 Datasheet HTML 19Page - BeRex Corporation BNT02 Datasheet HTML 20Page - BeRex Corporation BNT02 Datasheet HTML 21Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
40-6000 MHz BroadBand AMP
BNT02
17
Rev. 5.3
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2021 BeRex
Vd = 3.3V, Id = 48mA
10
15
20
25
30
35
40
0 1 2 3 4 5 6 7 8 9 10
Po / Tone [dBm]
F1=1800MHz, F2=1801MHz
+25°C
-40°C
+105°C
-70
-60
-50
-40
-30
-20
-10
0
5
7
9
11
13
15
Po [dBm]
3GPP LTE, TM3.1 20MHz 1FA,
±20MHz offset, PAR=9.75@0.01%
+25°C
-40°C
+105°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com