Electronic Components Datasheet Search
  English  ▼

X  

BNT02 Datasheet(PDF) 22 Page - BeRex Corporation

Part # BNT02
Description  40-6000 MHz BroadBand AMP
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BNT02 Datasheet(HTML) 22 Page - BeRex Corporation

Back Button BNT02 Datasheet HTML 18Page - BeRex Corporation BNT02 Datasheet HTML 19Page - BeRex Corporation BNT02 Datasheet HTML 20Page - BeRex Corporation BNT02 Datasheet HTML 21Page - BeRex Corporation BNT02 Datasheet HTML 22Page - BeRex Corporation BNT02 Datasheet HTML 23Page - BeRex Corporation BNT02 Datasheet HTML 24Page - BeRex Corporation BNT02 Datasheet HTML 25Page - BeRex Corporation BNT02 Datasheet HTML 26Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
40-6000 MHz BroadBand AMP
BNT02
22
Rev. 5.3
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2021 BeRex
Vd = 5V, Id = 85mA
Application Circuit: 2650 MHz
Schematic Diagram
BOM
Tolerance
C1
3.5pF
± 5%
C2
3.5pF
± 5%
C3
100pF
± 5%
C4
1uF
± 10%
L1
5.6nH
± 5%
Typical Performance
-40
-35
-30
-25
-20
-15
-10
-5
0
2450
2550
2650
2750
2850
Freq [MHz]
+25°C
-40°C
+105°C
0
5
10
15
20
25
30
2450
2550
2650
2750
2850
Freq [MHz]
+25°C
-40°C
+105°C
-40
-35
-30
-25
-20
-15
-10
-5
0
2450
2550
2650
2750
2850
Freq [MHz]
+25°C
-40°C
+105°C
0.0
0.5
1.0
1.5
2.0
2.5
3.0
2450
2550
2650
2750
2850
Freq [MHz]
NF
+25°C
-40°C
+105°C
C1
C2
RF In
RF Out
BNT02
Vdd
L1
C3
C4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com