Electronic Components Datasheet Search
  English  ▼

X  

BNT02 Datasheet(PDF) 2 Page - BeRex Corporation

Part # BNT02
Description  40-6000 MHz BroadBand AMP
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BNT02 Datasheet(HTML) 2 Page - BeRex Corporation

  BNT02 Datasheet HTML 1Page - BeRex Corporation BNT02 Datasheet HTML 2Page - BeRex Corporation BNT02 Datasheet HTML 3Page - BeRex Corporation BNT02 Datasheet HTML 4Page - BeRex Corporation BNT02 Datasheet HTML 5Page - BeRex Corporation BNT02 Datasheet HTML 6Page - BeRex Corporation BNT02 Datasheet HTML 7Page - BeRex Corporation BNT02 Datasheet HTML 8Page - BeRex Corporation BNT02 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
40-6000 MHz BroadBand AMP
BNT02
2
Rev. 5.3
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2021 BeRex
Parameter
Frequency
Unit
70
900
1800
2140
2650
3500
4650
5800
MHz
Gain
21.7
20.8
19.8
19.3
18.8
17.5
17.3
14.7
dB
S11
13.5
16.0
23.1
24.5
15.0
13.2
17.3
7.1
dB
S22
21.4
21.1
22.6
20.3
26.3
12.5
18.0
5.1
dB
OIP3
38.6
38.0
37.6
37.7
38.1
37.5
37.1
32.1
dBm
P1dB
22.0
22.3
21.7
21.8
21.8
19.6
18.9
17.2
dBm
LTE 20M ACLR
*
13.1
13.1
12.1
12.3
12.2
9.8
9.2
7.6
dBm
5G NR ACLR
*
-
-
-
-
-
9.6
8.8
-
dBm
Noise Figure
0.9
1.0
1.1
1.1
1.2
1.5
1.9
2.2
dB
Parameter
Frequency
Unit
70
900
1800
2140
2650
3500
4650
5800
MHz
Gain
21.2
20.3
19.3
18.8
18.2
16.7
16.6
13.6
dB
S11
12.2
14.3
18.8
20.9
13.7
11.6
14.9
6.3
dB
S22
18.0
19.0
32.0
18.1
20.1
10.8
14.8
4.6
dB
OIP3
33.1
32.3
33.9
33.0
33.1
31.1
29.2
23.8
dBm
P1dB
18.5
18.3
17.8
18.2
18.0
16.0
15.4
13.3
dBm
LTE 20M ACLR
*
8.6
8.5
8.2
8.2
8.1
6.1
5.1
1.9
dBm
5G NR ACLR
*
-
-
-
-
-
5.8
4.8
-
dBm
Noise Figure
0.8
0.9
1.1
1.1
1.2
1.5
1.8
2.0
dB
- LTE set-up: 3GPP LTE, FDD E-TM3.1, 20MHz BW, ±20MHz offset, PAR 9.75 at 0.01% Prob.
*ACLR Channel Power measured at -50dBc.
- 5G NR Downlink FR1 : SCS 30KHz, CBW 100MHz, 256QAM, PAR 9.66 at 0.01% Prob.
Absolute Maximum Ratings
Operation of this device above any of these parameters may result in permanent damage.
Parameter
Rating
Unit
Storage Temperature
-55 to +155
°C
Junction Temperature
+170
°C
Supply Voltage
+7
V
Supply Current
190
mA
Input RF Power
20
dBm
Typical RF Performance (Vd=5V, Id=85mA, T=25°C)
Typical RF Performance (Vd=3.3V, Id=48mA, T=25°C)
* N.F : Losses on input and output transmission lines on PCB are not de-embedded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com