Electronic Components Datasheet Search
  English  ▼

X  

BNT02 Datasheet(PDF) 5 Page - BeRex Corporation

Part # BNT02
Description  40-6000 MHz BroadBand AMP
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BNT02 Datasheet(HTML) 5 Page - BeRex Corporation

  BNT02 Datasheet HTML 1Page - BeRex Corporation BNT02 Datasheet HTML 2Page - BeRex Corporation BNT02 Datasheet HTML 3Page - BeRex Corporation BNT02 Datasheet HTML 4Page - BeRex Corporation BNT02 Datasheet HTML 5Page - BeRex Corporation BNT02 Datasheet HTML 6Page - BeRex Corporation BNT02 Datasheet HTML 7Page - BeRex Corporation BNT02 Datasheet HTML 8Page - BeRex Corporation BNT02 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
40-6000 MHz BroadBand AMP
BNT02
5
Rev. 5.3
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2021 BeRex
Typical Device Data
S-parameters (Vd=3.3V, Id=48mA, T=25°C)
S-Parameter
Freq
S11
S11
S21
S21
S12
S12
S22
S22
[MHz]
[Mag]
[Ang]
[Mag]
[Ang]
[Mag]
[Ang]
[Mag]
[Ang]
200
0.163
-30.786
11.297
167.965
0.064
-0.788
0.101
-24.538
400
0.164
-36.74
11.12
159.148
0.063
-6.554
0.107
-17.148
1200
0.207
-82.124
10.084
122.768
0.061
-20.831
0.182
-39.737
2000
0.227
-141.511
8.992
89.973
0.057
-36.861
0.186
-70.458
2800
0.301
175.938
7.745
55.633
0.05
-53.928
0.213
-124.602
3600
0.398
166.442
6.462
23.896
0.04
-72.002
0.448
-166.602
4400
0.494
165.183
5.074
-6.266
0.027
-83.593
0.711
170.874
5200
0.635
137.622
4.687
-23.836
0.013
-111.684
0.838
162.243
6000
0.828
111.716
4.78
-51.953
0.002
136.153
0.956
132.358
(Vdevice = 3.3V, Id = 48mA, T = 25 °C, calibrated to device leads)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com