Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA3208 Datasheet(PDF) 22 Page - Microchip Technology

Part # ATMEGA3208
Description  megaAVR® 0-series
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA3208 Datasheet(HTML) 22 Page - Microchip Technology

Back Button ATMEGA3208 Datasheet HTML 18Page - Microchip Technology ATMEGA3208 Datasheet HTML 19Page - Microchip Technology ATMEGA3208 Datasheet HTML 20Page - Microchip Technology ATMEGA3208 Datasheet HTML 21Page - Microchip Technology ATMEGA3208 Datasheet HTML 22Page - Microchip Technology ATMEGA3208 Datasheet HTML 23Page - Microchip Technology ATMEGA3208 Datasheet HTML 24Page - Microchip Technology ATMEGA3208 Datasheet HTML 25Page - Microchip Technology ATMEGA3208 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 68 page
background image
The accuracy characteristics numbers are based on characterization of the following input reference
levels and VDD ranges:
•
Vref = 1.8 V, VDD = 1.8 to 5.5V
•
Vref = 2.6 V, VDD = 2.7 to 5.5V
•
Vref = 4.096 V, VDD = 4.5 to 5.5V
•
Vref = 4.3 V, VDD = 4.5 to 5.5V
Table 5-23. Accuracy Characteristics External Reference(2)
Symbol Description
Conditions
Min.
Typ.
Max.
Unit
Res
Resolution
-
10
-
bit
INL
Integral Non-
linearity
fADC=15 ksps
-
0.9
-
LSB
fADC=77 ksps
-
0.9
-
fADC=115 ksps
-
1.2
-
DNL(1)
Differential
Non-linearity
fADC=15 ksps
-
0.2
-
LSB
fADC=77 ksps
-
0.4
-
fADC=115 ksps
-
0.8
-
EABS
Absolute
accuracy
fADC=15 ksps
-
2
-
LSB
fADC=77 ksps
-
2
-
fADC=115 ksps
-
2
-
EGAIN
Gain error
fADC=15 ksps
-
2
-
LSB
fADC=77 ksps
-
2
-
fADC=115 ksps
-
2
-
EOFF
Offset error
-
-0.5
-
LSB
Note: 
1.
A DNL error of less than or equal to 1 LSB ensures a monotonic transfer function with no missing
codes.
2.
These values are based on characterization and not covered by production test limits.
5.12
AC
Table 5-24. Analog Comparator Characteristics
Symbol Description
Condition
Min. Typ. Max. Unit
VIN
Input Voltage
Low Power Mode
-0.2 -
VDD V
High speed mode
-0.2 -
VDD
CIN
Input Pin Capacitance
PD1 to PD6
-
3.5
-
pF
PD7
-
14
-
ATmega3208/4808 – 32-pin Data Sheet
Electrical Characteristics
© 2018 Microchip Technology Inc.
Datasheet Preliminary
DS40002017A-page 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com