Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA3208 Datasheet(PDF) 16 Page - Microchip Technology

Part # ATMEGA3208
Description  megaAVR® 0-series
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA3208 Datasheet(HTML) 16 Page - Microchip Technology

Back Button ATMEGA3208 Datasheet HTML 12Page - Microchip Technology ATMEGA3208 Datasheet HTML 13Page - Microchip Technology ATMEGA3208 Datasheet HTML 14Page - Microchip Technology ATMEGA3208 Datasheet HTML 15Page - Microchip Technology ATMEGA3208 Datasheet HTML 16Page - Microchip Technology ATMEGA3208 Datasheet HTML 17Page - Microchip Technology ATMEGA3208 Datasheet HTML 18Page - Microchip Technology ATMEGA3208 Datasheet HTML 19Page - Microchip Technology ATMEGA3208 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 68 page
background image
Table 5-14. 32.768 kHz External Crystal Oscillator (XOSC32K) Characteristics
Symbol Description
Condition
Min. Typ.
Max. Unit
fout
Frequency
-
32.768 -
kHz
tstartup
Startup time
CL=7.5 pF
-
300
-
ms
CL=12.5 pF -
TBD
-
CL
Crystal load capacitance
7.5
-
12.5
pF
CTOSC1
Parasitic capacitor load
-
5.5
-
pF
CTOSC2
-
5.5
-
pF
ESR
Equivalent Series Resistance - Safety Factor=3
CL=7.5 pF
-
-
80
kΩ
CL=12.5 pF -
-
40
Figure 5-2. External Clock Waveform Characteristics
VIL1
VIH1
Table 5-15. External Clock Characteristics
Symbol Description
Condition VDD=[1.8, 5.5]V VDD=[2.7,
5.5]V
VDD=[4.5,
5.5]V
Unit
Min.
Max.
Min.
Max.
Min. Max.
fCLCL
Frequency
0
5.0
0.0
10.0
0.0
20.0 MHz
tCLCL
Clock Period
200
-
100
-
50
-
ns
tCHCX
High Time
80
-
40
-
20
-
ns
tCLCX
Low Time
80
-
40
-
20
-
ns
tCLCH
Rise Time (for
maximum
frequency)
-
40
-
20
-
10
ns
tCHCL
Fall Time (for
maximum
frequency)
-
40
-
20
-
10
ns
ΔtCLCL
Change in period
from one clock
cycle to the next
-
20
-
20
-
20
%
ATmega3208/4808 – 32-pin Data Sheet
Electrical Characteristics
© 2018 Microchip Technology Inc.
Datasheet Preliminary
DS40002017A-page 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com