Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA3208 Datasheet(PDF) 15 Page - Microchip Technology

Part # ATMEGA3208
Description  megaAVR® 0-series
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA3208 Datasheet(HTML) 15 Page - Microchip Technology

Back Button ATMEGA3208 Datasheet HTML 11Page - Microchip Technology ATMEGA3208 Datasheet HTML 12Page - Microchip Technology ATMEGA3208 Datasheet HTML 13Page - Microchip Technology ATMEGA3208 Datasheet HTML 14Page - Microchip Technology ATMEGA3208 Datasheet HTML 15Page - Microchip Technology ATMEGA3208 Datasheet HTML 16Page - Microchip Technology ATMEGA3208 Datasheet HTML 17Page - Microchip Technology ATMEGA3208 Datasheet HTML 18Page - Microchip Technology ATMEGA3208 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 68 page
background image
Symbol Description
Condition
Min. Typ.
Max. Unit
Factory calibration accuracy
TA=25°C, 3.0V
TBD ±0.75 TBD %
ETOTAL
Total error with 16 MHz
frequency selection
From target
frequency
TA=[0, 70]°C,
VDD=[1.8, 3.6]V
TBD ±2
TBD %
Full operation
range
TBD ±3
TBD
Total error with 20 MHz
frequency selection
From target
frequency
TA=[0, 70]°C,
VDD=[1.8, 3.6]V
TBD ±2
TBD
Full operation
range
TBD ±3
TBD
EDRIFT
Accuracy with 16 MHz
Frequency Selection relative
to the factory-stored
frequency value
Factory calibrated
VDD=3V(1)
TA=[0, 70]°C,
VDD=[1.8, 5.5]V
TBD ±1.5
TBD %
Accuracy with 20 MHz
Frequency Selection relative
to the factory-stored
frequency value
Factory calibrated
VDD=3V(1)
TA=[0, 70]°C,
VDD=[1.8, 5.5]V
TBD ±1.5
TBD
ΔfOSC20M Calibration step size
-
0.75
-
%
DOSC20M Duty cycle
-
50
-
%
tstartup
Start-up time
Within 2%
accuracy
-
12
-
µs
Note: 
1.
See also the description of OSC20M on calibration.
2.
Oscillator Frequencies above speed specification must be divided so that CPU clock always is
within specification.
Table 5-13. 32.768 kHz Internal Oscillator (OSCULP32K) Characteristics
Symbol
Description
Condition
Condition
Min. Typ.
Max. Unit
fOSCULP32K Factory calibration
frequency
32.768
kHz
Factory calibration
accuracy
TA=25°C, 3.0V
-3
±2
3
%
ETOTAL
Total error from target
frequency
Factory
calibrated
TA=[0, 70]°C,
VDD=[1.8, 3.6]V
-10
±5
+10
%
Full operation
range
-30
±10
+30
DOSCULP32K Duty cycle
50
%
tstartup
Start-up time
-
250
-
µs
ATmega3208/4808 – 32-pin Data Sheet
Electrical Characteristics
© 2018 Microchip Technology Inc.
Datasheet Preliminary
DS40002017A-page 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com