Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA3208 Datasheet(PDF) 11 Page - Microchip Technology

Part # ATMEGA3208
Description  megaAVR® 0-series
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA3208 Datasheet(HTML) 11 Page - Microchip Technology

Back Button ATMEGA3208 Datasheet HTML 7Page - Microchip Technology ATMEGA3208 Datasheet HTML 8Page - Microchip Technology ATMEGA3208 Datasheet HTML 9Page - Microchip Technology ATMEGA3208 Datasheet HTML 10Page - Microchip Technology ATMEGA3208 Datasheet HTML 11Page - Microchip Technology ATMEGA3208 Datasheet HTML 12Page - Microchip Technology ATMEGA3208 Datasheet HTML 13Page - Microchip Technology ATMEGA3208 Datasheet HTML 14Page - Microchip Technology ATMEGA3208 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 68 page
background image
where PD is the total power dissipation.
The total thermal resistance of a package (RθJA) can be separated into two components, RθJC and RθCA,
representing the barrier to heat flow from the semiconductor junction to the package (case) surface (RθJC)
and from the case to the outside ambient air (RθCA). These terms are related by the equation:
RθJA = RθJC + RθCA.
RθJC is device related and cannot be influenced by the user. However, RθCA is user dependent and can
be minimized by thermal management techniques such as heat sinks, ambient air cooling, and thermal
convection. Thus, good thermal management on the part of the user can significantly reduce RθCA so that
RθJA approximately equals RθJC.
The power dissipation curve is negatively sloped as ambient temperature increase. The maximum power
dissipation is therefore at minimum ambient temperature while the highest junction temperature occurs at
the maximum ambient temperature.
Table 5-4. Power Dissipation and Junction Temperature vs Temperature
Package
TA Range
RθJA (°C/W)
PD (W) typical
TJ - TA(°C) typical
VQFN32
-40°C to 125°C
1.0
TQFP32
-40°C to 125°C
1.0
5.4
Power Consumption
The values are measured power consumption under the following conditions, except where noted:
•
VDD=3V
•
TA=25°C
•
OSC20M used as system clock source, except where otherwise specified
•
System power consumption measured with peripherals disabled and without I/O drive.
Table 5-5. Power Consumption in Active and Idle Mode
Mode Description
Condition
Typ. Max. Unit
Active Active power consumption
fCLK_CPU=20 MHz (OSC20M)
VDD=5V 8.5
-
mA
fCLK_CPU=10 MHz (OSC20M div2)
VDD=5V 4.3
-
mA
VDD=3V 2.3
-
mA
fCLK_CPU=5 MHz (OSC20M div4)
VDD=5V 2.15 -
mA
VDD=3V 1.2
-
mA
VDD=2V 0.75 -
mA
fCLK_CPU=32 KHz (OSCULP32K)
VDD=5V 16.4 -
µA
VDD=3V 9.0
-
µA
VDD=2V 6.0
-
µA
Idle
Idle power consumption
fCLK_CPU=20 MHz (OSC20M)
VDD=5V 2.8
-
mA
fCLK_CPU=10 MHz (OSC20M div2)
VDD=5V 1.4
-
mA
ATmega3208/4808 – 32-pin Data Sheet
Electrical Characteristics
© 2018 Microchip Technology Inc.
Datasheet Preliminary
DS40002017A-page 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com