Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA3208 Datasheet(PDF) 14 Page - Microchip Technology

Part # ATMEGA3208
Description  megaAVR® 0-series
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA3208 Datasheet(HTML) 14 Page - Microchip Technology

Back Button ATMEGA3208 Datasheet HTML 10Page - Microchip Technology ATMEGA3208 Datasheet HTML 11Page - Microchip Technology ATMEGA3208 Datasheet HTML 12Page - Microchip Technology ATMEGA3208 Datasheet HTML 13Page - Microchip Technology ATMEGA3208 Datasheet HTML 14Page - Microchip Technology ATMEGA3208 Datasheet HTML 15Page - Microchip Technology ATMEGA3208 Datasheet HTML 16Page - Microchip Technology ATMEGA3208 Datasheet HTML 17Page - Microchip Technology ATMEGA3208 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 68 page
background image
Table 5-10. Brownout Detection (BOD) Characteristics
Symbol Description
Condition
Min. Typ. Max. Unit
VBOD
BOD detection level (falling) BODLEVEL=1.8V
1.71 1.78 1.85 V
BODLEVEL=2.7V
2.45 2.60 2.75
BODLEVEL=4.3V
4.05 4.25 4.45
VHYS
Hysteresis
BODLEVEL=1.8V
-
25
-
mV
BODLEVEL=2.7V
-
40
-
BODLEVEL=4.3V
-
80
-
tBOD
Detection time
Continuous
-
7
-
µs
Sampled, 1 kHz
-
1
-
ms
Sampled, 125 Hz
-
8
-
tstartup
Start-up time
Time from enable to ready
-
40
-
µs
ΔVLVD
Interrupt level 0
Percentage above the selected BOD
level
-
4
-
%
Interrupt level 1
-
13
-
Interrupt level 2
-
25
-
5.7
External Reset Characteristics
Table 5-11. External Reset Characteristics
Mode
Description
Condition
Min.
Typ. Max.
Unit
VVIH_RST
Input Voltage for RESET
0.7×VDD
-
VDD+0.2
V
VVIL_RST
Input Low Voltage for RESET
-0.2
-
0.3×VDD
tMIN_RST
Minimum pulse width on RESET pin
300
-
-
ns
Rp_RST
RESET pull-up resistor
VReset=0V
20
35
50
kΩ
5.8
Oscillators and Clocks
Operating conditions:
•
VDD=3V, except where specified otherwise.
Table 5-12. 20 MHz Internal Oscillator (OSC20M) Characteristics
Symbol Description
Condition
Min. Typ.
Max. Unit
fOSC20M
Factory calibration
frequency
FREQSEL=0
TA=25°C, 3.0V
16
MHz
FREQSEL=1
20
fCAL
Frequency calibration range OSC16M(2)
14.5
17.5 MHz
OSC20M(2)
18.5
21.5 MHz
ATmega3208/4808 – 32-pin Data Sheet
Electrical Characteristics
© 2018 Microchip Technology Inc.
Datasheet Preliminary
DS40002017A-page 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com