Electronic Components Datasheet Search
  English  ▼

X  

33982 Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # 33982
Description  Single Intelligent High-current Self protected High-side Switch
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33982 Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button 33982 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
23
33982
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
Figure 11. Multiple 8-Bit Word SPI Communication
SERIAL INPUT COMMUNICATION
SPI communication is accomplished using 8-bit messages. A message is transmitted by the MCU starting with the MSB, D7, and ending
with the LSB, D0 (Table 9). Each incoming command message on the SI pin can be interpreted using the following bit assignments: the
MSB (D7) is the watchdog bit and in some cases a register address bit; the next three bits, D6:D4, are used to select the command
register; and the remaining four bits, D3:D0, are used to configure and control the output and its protection features.
Multiple messages can be transmitted in succession to accommodate those applications where daisy chaining is desirable or to confirm
transmitted data as long as the messages are all multiples of eight bits. Any attempt made to latch in a message that is not eight bits are
ignored. The 33982 has defined registers, which are used to configure the device and to control the state of the output. Table 10,
summarizes the SI registers. The registers are addressed via D6:D4 of the incoming SPI word (Table 9).
Table 9. SI Message Bit Assignment
Bit Sig SI Msg Bit
Message Bit Description
MSB
D7
Watchdog in: toggled to satisfy watchdog requirements; also used
as a register address bit.
D6:D4
Register address bits.
D3:D1
Used to configure the inputs, outputs, and the device protection
features and SO status content.
LSB
D0
Used to configure the inputs, outputs, and the device protection
features and SO status content.
Table 10. Serial Input Address and Configuration Bit Map
SI Register
Serial Input Data
D7
D6
D5
D4
D3
D2
D1
D0
STATR
x
0
0
0
0
SOA2
SOA1
SOA0
OCR
x
0
0
1
0
0
CSNS EN
IN_SPI
SOCHLR
x
0
1
0
SOCH
SOCL2
SOCL1
SOCL0
CDTOLR
x
0
1
1
OL_dis
CD_dis
OCLT1
OCLT0
DICR
x
1
0
0
FAST SR CSNS high
IN dis
A/O
OSDR
0
1
0
1
0
OSD2
OSD1
OSD0
WDR
1
1
0
1
0
0
WD1
WD0
NAR
0
1
1
0
0
0
0
0
UOVR
1
1
1
0
0
0
UV_dis
OV_dis
TEST
x
1
1
1
Freescale Internal Use (Test)
x = Don’t care.
CS B
SI
SC L K
D7
D1 *
D2 *
D5 *
D6 *
D7 *
D0
D1
D6
D5
D2
D0 *
OD 5
OD 6
OD 7
D6
D7
OD 0
OD 1
OD 2
D1
D2
D5
F I G U R E 4 b .
M U L T IP L E 8 b i t W O R D S P I C O M M U N IC A T I O N
NO T E S :
D0
SO
1.
R S T B i s i n a l o g i c 1 s t at e dur i n g t h e abo v e ope r a t i on .
2 .
D 0 , D 1 , D 2 , .. ., a n d D 7 r e l a te to th e m o s t r e c e n t o r d e r e d e n tr y o f d a ta i n to th e S P S S
3.
O D 0, O D 1, O D 2, . . . , and O D 7 r e l a t e t o t he f i r s t 8 b i t s o f o r der ed f a ul t an d s t at u s dat a out o f t he dev i c e.
4.
O D 0, O D 1, O D 2, . . . , and O D 7 r e pr es e n t t h e f i r s t 8 bi t s o f or d e r e d f aul t and s t a t u s da t a ou t of t h e S P S S
CS
SCLK
SI
SO
RS T
1. RST is a logic [1] state during the above operation.
2. D7:D0 relate to the most recent ordered entry of data into the device.
4. OD7:OD0 relate to the first 8 bits of ordered fault and status data out of the device.
Notes
3. D7*:D0* relate to the previous 8 bits (last command word) of data that was previously shifted into the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com