Electronic Components Datasheet Search
  English  ▼

X  

33982 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # 33982
Description  Single Intelligent High-current Self protected High-side Switch
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33982 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button 33982 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
33982
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
POWER OUTPUT (CONTINUED)
IOCL0
IOCL1
IOCL2
IOCL3
IOCL4
IOCL5
IOCL6
IOCL7
Overcurrent Low Detection Levels (SOCL[2:0])
000
001
010
011
100
101
110
111
41
36
32
29
25
20
16
12
50
45
40
35
30
25
20
15
59
54
48
41
35
30
24
18
A
CSR0
CSR1
Current Sense Ratio (9.0 V < VPWR < 16 V, CSNS < 4.5 V)
DICR D2 = 0
DICR D2 = 1
–
–
1/5400
1/40000
–
–
–
CSR0_ACC
Current Sense Ratio (CSR0) Accuracy
Output Current
10 A
20 A
25 A
30 A
40 A
50 A
-20
-14
-13
-12
-13
-13
–
–
–
–
–
–
20
14
13
12
13
13
%
CSR1_ACC
Current Sense Ratio (CSR1) Accuracy
Output Current
10 A
20 A
25 A
30 A
40 A
50 A
-25
-19
-18
-17
-18
-18
–
–
–
–
–
–
25
19
18
17
18
18
%
VCL(CSNS)
Current Sense Clamp Voltage
CSNS Open, IHS = 59.0 A
4.5
6.0
7.0
V
ILEAK(CSNS)
Current Sense Leakage
IN = 1 with OUT opened of load or IN = 0
0.0
10
20
A
(12)
IOLDC
Open Load Detection Current
30
–
100
A
(13)
VOLD(THRES)
Output Fault Detection Threshold
Output Programmed OFF
2.0
3.0
4.0
V
VCL
Output Negative Clamp Voltage
0.5 A < IHS < 2.0 A, Output OFF
-20
–
-15
V
TSD
Overtemperature Shutdown
160
175
190
C
(14)
TSD(HYS)
Overtemperature Shutdown Hysteresis
5.0
–
20
C
(14)
Notes
12.
This parameter is achieved by the design characterization by measuring a statistically relevant sample size across process variations but, not
tested in production.
13.
Output OFF open load detection current is the current required to flow through the load for the purpose of detecting the existence of an open load
condition when the specific output is commanded OFF.
14.
Guaranteed by process monitoring. Not production tested.
Table 4. Static Electrical Characteristics (continued)
Characteristics noted under conditions 4.5 V
 VDD  5.5 V, 6.0 V  VPWR  27 V, -40 C  TA  125 C, unless otherwise noted. Typical
values noted reflect the approximate parameter mean at TA = 25 C under nominal conditions, unless otherwise noted.
Symbol
Characteristic
Min
Typ
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com