Electronic Components Datasheet Search
  English  ▼

X  

33982 Datasheet(PDF) 34 Page - Freescale Semiconductor, Inc

Part # 33982
Description  Single Intelligent High-current Self protected High-side Switch
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33982 Datasheet(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button 33982 Datasheet HTML 29Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 30Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 31Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 32Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 33Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 34Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 35Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 36Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 37Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 34 / 37 page
background image
Analog Integrated Circuit Device Data
34
Freescale Semiconductor
33982
ADDITIONAL DOCUMENTATION
THERMAL ADDENDUM (REV 4.0)
RJAis the thermal resistance between die junction and ambient air. This device is a dual die package. Index m indicates the die that is
heated. Index n refers to the number of the die where the junction temperature is sensed.
Figure 15. Device on Thermal Test Board RJA
Table 20. Device on Thermal Test Board
Material:
Single layer printed circuit board
FR4, 1.6 mm thickness
Cu traces, 0.07 mm thickness
Outline:
80 mm x 100 mm board area, including edge
connector for thermal testing
Area A:
Cu heat-spreading areas on board surface
Ambient Conditions:
Natural convection, still air
Table 21. Thermal Resistance Performance
Thermal
Resistance
Area A
(mm2)
1 = Power Chip, 2 = Logic Chip (
C/W)
m = 1,
n = 1
m = 1, n = 2
m = 2, n = 1
m = 2,
n = 2
RJAmn
055
42
74
300
41
32
66
600
39
29
65
0
10
20
30
40
50
60
70
80
Heat spreading area A [mm²]
0
300
600
RJA11
RJA22
RJA12 =RJA21
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com