Electronic Components Datasheet Search
  English  ▼

X  

MMSZ4680 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # MMSZ4680
Description  500mW, 1.8V - 39V Surface Mount Zener Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MMSZ4680 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  MMSZ4680 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MMSZ4680 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MMSZ4680 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd MMSZ4680 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd MMSZ4680 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd MMSZ4680 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MMSZ4678
– MMSZ4716
Taiwan Semiconductor
2
Version: A2311
ELECTRICAL SPECIFICATIONS (T
A
= 25°C unless otherwise noted)
Device
Marking
Code
Zener Voltage
Test current
Leakage Current
Vz @IZT
IZT
IR @VR
V
μA
μA
V
Min
Nom
Max
MMSZ4678
CC
1.710
1.8
1.890
50
7.5
1.0
MMSZ4679
CD
1.900
2.0
2.100
50
5.0
1.0
MMSZ4680
CE
2.090
2.2
2.310
50
4.0
1.0
MMSZ4681
CF
2.280
2.4
2.520
50
2.0
1.0
MMSZ4682
CH
2.565
2.7
2.835
50
1.0
1.0
MMSZ4683
CJ
2.850
3.0
3.150
50
0.8
1.0
MMSZ4684
CK
3.135
3.3
3.465
50
7.5
1.5
MMSZ4685
CM
3.420
3.6
3.780
50
7.5
2.0
MMSZ4686
CN
3.705
3.9
4.095
50
5.0
2.0
MMSZ4687
CP
4.085
4.3
4.515
50
4.0
2.0
MMSZ4688
CT
4.465
4.7
4.935
50
10
3.0
MMSZ4689
CU
4.845
5.1
5.355
50
10
3.0
MMSZ4690
CV
5.320
5.6
5.880
50
10
4.0
MMSZ4691
CA
5.890
6.2
6.510
50
10
5.0
MMSZ4692
CX
6.460
6.8
7.140
50
10
5.1
MMSZ4693
CY
7.125
7.5
7.875
50
10
5.7
MMSZ4694
CZ
7.790
8.2
8.610
50
1.0
6.2
MMSZ4695
DC
8.265
8.7
9.135
50
1.0
6.6
MMSZ4696
DD
8.645
9.1
9.555
50
1.0
6.9
MMSZ4697
DE
9.50
10
10.50
50
1.0
7.6
MMSZ4698
DF
10.45
11
11.55
50
1.0
8.4
MMSZ4699
DH
11.40
12
12.60
50
1.0
9.1
MMSZ4700
DJ
12.35
13
13.65
50
1.0
9.8
MMSZ4701
DK
13.30
14
14.70
50
1.0
10.6
MMSZ4702
DM
14.25
15
15.75
50
1.0
11.4
MMSZ4703
DN
15.20
16
16.80
50
1.0
12.1
MMSZ4704
DP
16.15
17
17.85
50
1.0
12.9
MMSZ4705
DT
17.10
18
18.90
50
1.0
13.6
MMSZ4706
DU
18.05
19
19.95
50
1.0
14.4
MMSZ4707
DV
19.00
20
21.00
50
0.01
15.2
MMSZ4708
DA
20.90
22
23.10
50
0.01
16.7
MMSZ4709
DX
22.80
24
25.20
50
0.01
18.2
MMSZ4710
DY
23.75
25
26.25
50
0.01
19.0
MMSZ4711
EA
25.65
27
28.35
50
0.01
20.4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com