Electronic Components Datasheet Search
  English  ▼

X  

MMSZ4680 Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # MMSZ4680
Description  500mW, 1.8V - 39V Surface Mount Zener Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MMSZ4680 Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  MMSZ4680 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MMSZ4680 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MMSZ4680 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd MMSZ4680 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd MMSZ4680 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd MMSZ4680 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MMSZ4678
– MMSZ4716
Taiwan Semiconductor
5
Version: A2311
PACKAGE OUTLINE DIMENSIONS
SOD-123
8°
0°
0.15
0.05
2.85
2.55
B
1.80
1.40
A
DETAIL A
C
4
5
4
5
0.45
0.25
(0.50)
0.20
1.25
0.95
GAUGE
PLANE
H
H
0.70
0.45
0.13
C A B
0.90
1.00
3.30
3.85
3.55
0.13
C A B
P/N = MARKING CODE
MARKING DIAGRAM
P/N
CATHODE
INDICATOR
NOTES: UNLESS OTHERWISE SPECIFIED
1. ALL DIMENSIONS ARE IN MILLIMETERS.
2. DIMENSIONING AND TOLERANCING PER ASME
Y14.5M-1994.
3. PACKAGE OUTLINE REFERENCE:
JEDEC DO-215, VARIATION AD, ISSUE D.
4
MOLDED PLASTIC BODY DIMENSIONS DO NOT
INCLUDE MOLD FLASH.
5
MOLDED PLASTIC BODY LATERAL DIMENSIONS
TO BE DETERMINED AT DATUM PLANE H.
6. DWG NO. REF: HQ2SD07-SOD123-046 REV A.
SUGGESTED PAD
LAYOUT
1.35
0.95
0.10
0.00
C
SEATING
PLANE
DETAIL A
(SCALE 2:1)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com