Electronic Components Datasheet Search
  English  ▼

X  

MMSZ4680 Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # MMSZ4680
Description  500mW, 1.8V - 39V Surface Mount Zener Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MMSZ4680 Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  MMSZ4680 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MMSZ4680 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MMSZ4680 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd MMSZ4680 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd MMSZ4680 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd MMSZ4680 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MMSZ4678
– MMSZ4716
Taiwan Semiconductor
4
Version: A2311
CHARACTERISTICS CURVES
(TA = 25°C unless otherwise noted)
Fig.1 Power Temperature Derating Curve
Fig.2 Zener Voltage Versus Zener Current
Fig.3 Zener Voltage Versus Zener Current
Fig.4 Effect of Zener Voltage On Zener Impedance
Fig.5 Typical Capacitance Versus Zener Voltage
0
0.1
0.2
0.3
0.4
0.5
0.6
0
25
50
75
100
125
150
0.01
0.1
1
10
0
2
4
6
8
10
12
0.01
0.1
1
10
10
15
20
25
30
35
40
45
1
10
100
1000
1
10
100
1
10
100
1000
1
10
100
AMBIENT TEMPERATURE (°C)
VZ = 2.2V
VZ = 2.7V
VZ = 3.3V
VZ = 3.9V
VZ = 4.7V
VZ = 5.6V
VZ = 6.2V
VZ = 6.8V
VZ = 7.5V
VZ = 8.2V
VZ = 9.1V
VZ = 10V
VZ = 11V
VZ = 12V
VZ = 14V
VZ = 17V
VZ = 25V
VZ = 36V
VZ = 39V
VZ ZENER VOLTAGE (V)
VZ ZENER VOLTAGE (V)
VZ ZENER VOLTAGE (V)
I
Z
=1mA
I
Z
=5mA
0V BIAS
1V BIAS
f=1.0MHz
BIAS AT
50% OF V
z
NOM
VZ ZENER VOLTAGE (V)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com