Electronic Components Datasheet Search
  English  ▼

X  

MMSZ4680 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # MMSZ4680
Description  500mW, 1.8V - 39V Surface Mount Zener Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MMSZ4680 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  MMSZ4680 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MMSZ4680 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MMSZ4680 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd MMSZ4680 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd MMSZ4680 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd MMSZ4680 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MMSZ4678
– MMSZ4716
Taiwan Semiconductor
1
Version: A2311
500mW, 1.8V - 39V Surface Mount Zener Diode
FEATURES
● Constant voltage control
● Wide voltage range selection 1.8V to 39V
● Moisture sensitivity level: level 1, per J-STD-020
● RoHS compliant
● Halogen-free
APPLICATIONS
● For general purpose regulation and protection applications
● Small package size for high density applications
MECHANICAL DATA
● Case: SOD-123
● Molding compound meets UL 94V-0 flammability rating
● Terminal: Matte tin plated leads, solderable per J-STD-002
● Polarity: Indicated by cathode band
● Weight: 10.97mg (approximately)
KEY PARAMETERS
PARAMETER
VALUE
UNIT
VZ
1.8 - 39
V
PD
500
mW
TJ MAX
150
°C
Package
SOD-123
SOD-123
ABSOLUTE MAXIMUM RATINGS (T
A
= 25°C unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNIT
Steady state power dissipation
(1)
PD
500
mW
Junction temperature
TJ
-55 to +150
°C
Storage temperature
TSTG
-55 to +150
°C
THERMAL PERFORMANCE
PARAMETER
SYMBOL
TYP
UNIT
Junction-to-ambient thermal resistance
(1)
RӨJA
340
°C/W
Note:
1.
Units mounted on 5cm x 5cm Cu pad test board


Similar Part No. - MMSZ4680

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
MMSZ4680 EIC-MMSZ4680 Datasheet
118Kb / 4P
ZENER DIODES
logo
Shenzhen Luguang Electr...
MMSZ4680 LUGUANG-MMSZ4680 Datasheet
421Kb / 3P
Zener Diodes
logo
Micro Commercial Compon...
MMSZ4680 MCC-MMSZ4680 Datasheet
346Kb / 5P
500mW Silicon Zener Diodes
logo
SUNMATE electronic Co.,...
MMSZ4680 SUNMATE-MMSZ4680 Datasheet
316Kb / 2P
500mW Surface Mount Zener Diodes
logo
Jiangsu Changjiang Elec...
MMSZ4680 JIANGSU-MMSZ4680 Datasheet
752Kb / 4P
ZENER DIODE
More results

Similar Description - MMSZ4680

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMSZ5221B DIODES-MMSZ5221B Datasheet
61Kb / 3P
500mW SURFACE MOUNT ZENER DIODE
DS18010 Rev. 7 - 2
MMSZ5221B DIODES-MMSZ5221B_1 Datasheet
99Kb / 4P
500mW SURFACE MOUNT ZENER DIODE
DS18010 Rev. 18 - 2
logo
Won-Top Electronics
MMSZ5221B WTE-MMSZ5221B Datasheet
75Kb / 4P
500mW SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
MMSZ5221B DIODES-MMSZ5221B_09 Datasheet
92Kb / 5P
500mW SURFACE MOUNT ZENER DIODE
DS18010 Rev. 23 - 2
MMSZ5263B DIODES-MMSZ5263B Datasheet
86Kb / 3P
500mW SURFACE MOUNT ZENER DIODE
DS31652 Rev. 4 - 2
ZMM5245B-7 DIODES-ZMM5245B-7 Datasheet
82Kb / 5P
500mW SURFACE MOUNT ZENER DIODE
Rev 13.2.2003
MMSZ5221B DIODES-MMSZ5221B_15 Datasheet
106Kb / 5P
500mW SURFACE MOUNT ZENER DIODE
Rev 27
logo
Won-Top Electronics
BZT52C12 WTE-BZT52C12 Datasheet
49Kb / 5P
500mW SURFACE MOUNT ZENER DIODE
MMSZ4682 WTE-MMSZ4682 Datasheet
49Kb / 5P
500mW SURFACE MOUNT ZENER DIODE
MMSZ4706 WTE-MMSZ4706 Datasheet
49Kb / 5P
500mW SURFACE MOUNT ZENER DIODE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com