Electronic Components Datasheet Search
  English  ▼

X  

MMSZ4680 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # MMSZ4680
Description  500mW, 1.8V - 39V Surface Mount Zener Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MMSZ4680 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  MMSZ4680 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MMSZ4680 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MMSZ4680 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd MMSZ4680 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd MMSZ4680 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd MMSZ4680 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MMSZ4678
– MMSZ4716
Taiwan Semiconductor
3
Version: A2311
ELECTRICAL SPECIFICATIONS (T
A
= 25°C unless otherwise noted)
Device
Marking
Code
Zener Voltage
Test current
Leakage Current
Vz @IZT
IZT
IR @VR
V
uA
μA
V
Min
Nom
Max
MMSZ4712
EC
26.60
28
29.40
50
0.01
21.2
MMSZ4713
ED
28.50
30
31.50
50
0.01
22.8
MMSZ4714
EE
31.35
33
34.65
50
0.01
25.0
MMSZ4715
EF
34.20
36
37.80
50
0.01
27.3
MMSZ4716
EH
37.05
39
40.95
50
0.01
29.6
ORDERING INFORMATION
ORDERING CODE(1)
PACKAGE
PACKING
MMSZ4xxx RHG
SOD-123
3,000 /
7” Tape & Reel
Note:
1.
"xxx" defines voltage from MMSZ4678(1.8V) to MMSZ4716(39V)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com