Electronic Components Datasheet Search
  English  ▼

X  

HGDEST021B Datasheet(PDF) 9 Page - ALPS ELECTRIC CO.,LTD.

Part # HGDEST021B
Description  Magnetic Sensor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

HGDEST021B Datasheet(HTML) 9 Page - ALPS ELECTRIC CO.,LTD.

Back Button HGDEST021B Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. HGDEST021B Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. HGDEST021B Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD. HGDEST021B Datasheet HTML 8Page - ALPS ELECTRIC CO.,LTD. HGDEST021B Datasheet HTML 9Page - ALPS ELECTRIC CO.,LTD. HGDEST021B Datasheet HTML 10Page - ALPS ELECTRIC CO.,LTD. HGDEST021B Datasheet HTML 11Page - ALPS ELECTRIC CO.,LTD. HGDEST021B Datasheet HTML 12Page - ALPS ELECTRIC CO.,LTD. HGDEST021B Datasheet HTML 13Page - ALPS ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
3-5. Reliability specification
信頼性仕様
(1). 信頼性試験品の前処理   Pre-treatment of Reliability Test sample
【125℃×24Hr】 + 【吸湿 (85±5℃・85±5%)×168Hr】 + リフロー2回
【Baking 125℃×24Hr】 + 【Moisture absorption (85±5℃・85±5%)×168Hr】 + Reflow 2times
Pre-treatment Reflow condition
前処理リフロー 条件
Magnetic Sensor
9 / 18
HGDEST021B_ Datasheet
Rev.00
May/20/2019
Heating Time
Tp : 260℃
Ts min:
150℃
Ts max:
200℃
Pre heat
60~180sec
TL : 220℃
 
tL : 60~150sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com