Electronic Components Datasheet Search
  English  ▼

X  

HGDEST021B Datasheet(PDF) 4 Page - ALPS ELECTRIC CO.,LTD.

Part # HGDEST021B
Description  Magnetic Sensor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

HGDEST021B Datasheet(HTML) 4 Page - ALPS ELECTRIC CO.,LTD.

  HGDEST021B Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. HGDEST021B Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. HGDEST021B Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. HGDEST021B Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. HGDEST021B Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. HGDEST021B Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. HGDEST021B Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD. HGDEST021B Datasheet HTML 8Page - ALPS ELECTRIC CO.,LTD. HGDEST021B Datasheet HTML 9Page - ALPS ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
3-1. Electric/Magnetic specification
電気的磁気的仕様
(1). 最大定格   Absolute Maximum Ratings
(2). 電気的磁気的仕様 : VDD=1.8V/3.0V Ta=25℃
Electric/Magnetic specification @VDD=1.8V/3.0V Ta=25℃
2.7
Ta=25℃
VDD:1.8V/3.0V
動作磁界
Hoff(+)
0.5
1.2
1.9
Operating Magnetic Field
Hon(+)
mT
1.3
2.0
85
動作周囲温度
Output voltage
V Hi
V
VDD-0.2
-
VDD
Io=-0.5mA
出力電圧
V Low
0
-
0.2
Io=+0.5mA
Operating Temperature Range
-
℃
-40
25
100
パルス駆動周期
Pulse width
Td
μs
15
25
50
パルス幅
Drive pulse period
Tp
ms
30
50
Supply current
電源電流
IDD
μA
-
3
5
VDD:1.8V (平均値)
VDD:1.8V (Average)
-
5
9
VDD:3.0V (平均値)
VDD:3.0V (Average)
Max. 最大
Storage Temperature
Tstg
℃
-40
-
3.6
電源電圧
Supply voltage
VDD
V
1.6
1.8
電源電圧
Output
Iout
mA
-0.5
V
-0.3
-
-
出力電流
Operating Temperature Range
Topr
℃
-40
-
動作周囲温度
保存温度
Item
項目
Symbol
記号
Unit.
単位
Specification
規格
Min. 最小 Typ. 標準
Magnetic Sensor
4 / 18
HGDEST021B_ Datasheet
Rev.00
May/20/2019
Item
項目
Symbol
記号
Unit.
単位
Specification
規格
Condition
条件
Min. 最小 Typ. 標準 Max. 最大
Supply voltage
VDD
4.0
+0.5
+85
+125
Condition
条件



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com