Electronic Components Datasheet Search
  English  ▼

X  

HGDEST021B Datasheet(PDF) 6 Page - ALPS ELECTRIC CO.,LTD.

Part # HGDEST021B
Description  Magnetic Sensor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

HGDEST021B Datasheet(HTML) 6 Page - ALPS ELECTRIC CO.,LTD.

Back Button HGDEST021B Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. HGDEST021B Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. HGDEST021B Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. HGDEST021B Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. HGDEST021B Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. HGDEST021B Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD. HGDEST021B Datasheet HTML 8Page - ALPS ELECTRIC CO.,LTD. HGDEST021B Datasheet HTML 9Page - ALPS ELECTRIC CO.,LTD. HGDEST021B Datasheet HTML 10Page - ALPS ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
[側面図]
3-3. (1) Full view
Side view
単位 Unit : [mm]
外形図
[上面図]
Top view
[正面図]
Front view
注記   Note
1. 上下キャップズレは、XY共 Max. 0.1mm。
Cap offset : Max. 0.1mm both of XY.
[底面図]
2. リード長さ不揃いは、Max. 0.1mm。
Bottom view
Unevenly of lead length : Max. 0.1mm
[推奨ランド]
Recommended Mount Pad
レジスト開口部を示す。    Dimension of Resist-open.
単位 Unit : [mm]
・(
) 寸法は、参考値とする。
(
) The dimensions assume it reference value.
信号出力
Output Voltage
端子番号
記号
機能
Pin No.
Name
Function
3pin
Magnetic Sensor
6 / 18
HGDEST021B_ Datasheet
Rev.00
May/20/2019
GND
GND
1pin
VDD
電源
Supply Voltage
2pin
OUT
(/)
3
(/)
4
(/)
11
(/)
5
(/)
8
(/)
9
(/)
10
(/)
2
(/)
7
(/)
6
(/)
3
(/)
4
(/)
11
(/)
5
(/)
8
(/)
9
(/)
10
(/)
2
(/)
7
(/)
6
(/)
3
(/)
4
(/)
11
(/)
5
(/)
8
(/)
9
(/)
10
(/)
2
(/)
7
(/)
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com