Electronic Components Datasheet Search
  English  ▼

X  

HGDEST021B Datasheet(PDF) 12 Page - ALPS ELECTRIC CO.,LTD.

Part # HGDEST021B
Description  Magnetic Sensor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

HGDEST021B Datasheet(HTML) 12 Page - ALPS ELECTRIC CO.,LTD.

Back Button HGDEST021B Datasheet HTML 8Page - ALPS ELECTRIC CO.,LTD. HGDEST021B Datasheet HTML 9Page - ALPS ELECTRIC CO.,LTD. HGDEST021B Datasheet HTML 10Page - ALPS ELECTRIC CO.,LTD. HGDEST021B Datasheet HTML 11Page - ALPS ELECTRIC CO.,LTD. HGDEST021B Datasheet HTML 12Page - ALPS ELECTRIC CO.,LTD. HGDEST021B Datasheet HTML 13Page - ALPS ELECTRIC CO.,LTD. HGDEST021B Datasheet HTML 14Page - ALPS ELECTRIC CO.,LTD. HGDEST021B Datasheet HTML 15Page - ALPS ELECTRIC CO.,LTD. HGDEST021B Datasheet HTML 16Page - ALPS ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
3-7.
Packing specification
包装仕様
(1). 製品の収納方向
Component orientation
エンボステープ
Emboss Tape
テープ引き出し方向
Feeding direction
製品 Product
(2). テープ引き出し方向
Feeding direction
バーコードラベル
Barcode Label
テープ引き出し方向
Feeding direction
 
(3). テーピング-1
Taping-1
*JIS C 0806 に準拠する。
It conforms to JIS C 0806.
*製品封入不良率  Missing components
①非連続的な抜けはリーダー・トレイラ部を除き、0.1%以下とする。
  0.1% or less of non consecutive missing components shall be allowed, except leader and trailer area.
②連続的な抜けはリーダー・トレイラ部を除き、無し。
  Consecutive missing component shall not be allowed, except leader and trailer area.
③外形不良等の手直し(良品への交換)は、可能とする。
  Replacement of defective components shall be allowed.
Magnetic Sensor
12 / 18
HGDEST021B_ Datasheet
Rev.00
May/20/2019
Cover tape area
End tape
Empty area
Storage area
Trailer area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com