Electronic Components Datasheet Search
  English  ▼

X  

HGDEST021B Datasheet(PDF) 10 Page - ALPS ELECTRIC CO.,LTD.

Part # HGDEST021B
Description  Magnetic Sensor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

HGDEST021B Datasheet(HTML) 10 Page - ALPS ELECTRIC CO.,LTD.

Back Button HGDEST021B Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. HGDEST021B Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD. HGDEST021B Datasheet HTML 8Page - ALPS ELECTRIC CO.,LTD. HGDEST021B Datasheet HTML 9Page - ALPS ELECTRIC CO.,LTD. HGDEST021B Datasheet HTML 10Page - ALPS ELECTRIC CO.,LTD. HGDEST021B Datasheet HTML 11Page - ALPS ELECTRIC CO.,LTD. HGDEST021B Datasheet HTML 12Page - ALPS ELECTRIC CO.,LTD. HGDEST021B Datasheet HTML 13Page - ALPS ELECTRIC CO.,LTD. HGDEST021B Datasheet HTML 14Page - ALPS ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
(2). 判定基準
Criterion
(3). 試験内容
Test contents
電極固着性試験
Electrode clinging test
JEITA ED-4702
5N/10s
---
5 / ○
耐基板曲げ試験
Substrate bending test
JEITA ED-4702
±3mm/保持1s 曲げスピード1mm/s
±3mm, Hold=1[sec], bend speed=1[mm/s]
1500cycles
5 / ○
衝撃試験
Impact
JEITA ED-4701
/ 400-404
100G 6msec X Y Z方向 各3回
100G 6msec Three times in XYZ direction
---
11 / ○
静電耐圧 (マシンモデル)
ESD (MM)
JEITA ED-4701
/ 300-305
± 200V 200pF 0 Ω 各端子5回
± 200V 200pF 0 Ω Five times of each terminal
---
5 / ×
静電耐圧 (人体モデル)
ESD (HBM)
JEITA ED-4701
/ 300-304
±1000V 100pF 1.5kΩ
---
5 / ×
振動試験
Vibration
---
掃引割合 10~55~10Hz 1min
Sweeping rate=10->55->10[Hz] 1min
全振幅 1.5mm 掃引X,Y,Z方向 2時間
Amplitude=1.5[mm], Direction=XYZ , 2hours
X,Y,Z方向 各2時
間
Direction=XYZ ,
each 2hours
11 / ○
耐リフロー試験
Reflow
---
2回
2times
---
11 / ○
温度サイクル試験
Thermal cycle
JEITA ED-4701
/ 100-105
-40±5℃[30min]→常温(normal temp)[5min]→+125±5℃
[30min]→常温(normal temp)[5min] : 1cycle
50cycles
22 / ○
低温通電試験
Low Temp. Bias
---
-40±5℃ VDD=3.6V通電
-40±5℃  VDD=3.6V (bias)
1000Hr
22 / ○
低温保存試験
Low Temp. strage
JEITA ED-4701
/ 200-202
-40±5℃( 常温/常湿 1Hr放置後検査 )
-40±5℃ (test operated after leave 1hour normal temp )
1000Hr
22 / ×
高温高湿通電試験
High Temp. High Humidity Bias
JEITA ED-4701
/ 100-102
+85±5℃ 85±5% VDD=3.6V通電
+85±5℃ 85±5% VDD=3.6V (bias)
1000Hr
22 / ○
高温保存試験
High Temp. Storage
JEITA ED-4701
/ 100-201
+125±5℃
1000Hr
22 / ×
高温通電試験
High Temp. Bias
---
+85±5℃  VDD=3.6V通電
+85±5℃  VDD=3.6V (bias)
1000Hr
22 / ○
高温高湿試験
High Humidity High Temp.
JEITA ED-4701
/ 100-103
+85±5℃  85±5%
1000Hr
22 / ○
Magnetic Sensor
10 / 18
HGDEST021B_ Datasheet
Rev.00
May/20/2019
出力電圧
VDD Voltage
Hon
0.2V max
Hoff
VDD-0.2V min
試験項目
Parameter
準拠規格
Conforming standard
試験方法/条件
Test / Condition
試験時間
Test Time
数量/前処理
Qty./Pretreat



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com