Electronic Components Datasheet Search
  English  ▼

X  

AD7763 Datasheet(PDF) 5 Page - Analog Devices

Part # AD7763
Description  24-Bit, 8.5 mW, 109 dB, 128 kSPS/64 kSPS/32 kSPS ADCs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7763 Datasheet(HTML) 5 Page - Analog Devices

  AD7763 Datasheet HTML 1Page - Analog Devices AD7763 Datasheet HTML 2Page - Analog Devices AD7763 Datasheet HTML 3Page - Analog Devices AD7763 Datasheet HTML 4Page - Analog Devices AD7763 Datasheet HTML 5Page - Analog Devices AD7763 Datasheet HTML 6Page - Analog Devices AD7763 Datasheet HTML 7Page - Analog Devices AD7763 Datasheet HTML 8Page - Analog Devices AD7763 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Data Sheet
AD7767
SPECIFICATIONS
analog.com
Rev. D | 5 of 23
Table 2. (Continued)
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DIGITAL FILTER RESPONSE1
Group Delay
37/ODR
Settling Time (Latency)
Complete settling
74/ODR
Pass-Band Ripple
±0.005
dB
Pass Band
0.453 × ODR
Hz
−3 dB Bandwidth
0.49 × ODR
Hz
Stop-Band Frequency
0.547 × ODR
Hz
Stop-Band Attenuation
100
dB
REFERENCE INPUT1
VREF+ Input Voltage
2.4
2 × AVDD
V
DIGITAL INPUTS (Logic Levels)1
VIL
−0.3
+0.3 × VDRIVE
V
VIH
0.7 × VDRIVE
VDRIVE + 0.3
V
Input Leakage Current
±1
μA/pin
Input Capacitance
5
pF
Main Clock Rate
1.024
MHz
Serial Clock Rate
1/t8
Hz
DIGITAL OUTPUTS1
Data Format
Serial 24 bits, twos complement (MSB first)
VOL
ISINK = +500 μA
0.4
V
VOH
ISOURCE = −500 µA
VDRIVE − 0.3
V
POWER REQUIREMENTS1
AVDD
± 5%
2.5
V
DVDD
± 5%
2.5
V
VDRIVE
1.7
2.5
3.6
V
CURRENT SPECIFICATIONS
MCLK = 1.024 MHz
AD7767 Operational Current
128 kHz output data rate
AIDD
1.3
1.5
mA
DIDD
3.9
4.8
mA
IREF
0.35
0.425
mA
AD7767-1 Operational Current
64 kHz output data rate
AIDD
1.3
1.5
mA
DIDD
2.2
2.85
mA
IREF
0.35
0.425
mA
AD7767-2 Operational Current
32 kHz output data rate
AIDD
1.3
1.5
mA
DIDD
1.37
1.86
mA
IREF
0.35
0.425
mA
Static Current with MCLK Stopped
For all devices
AIDD
0.9
1
mA
DIDD
1
93
μA
Power-Down Mode Current
For all devices
AIDD
0.1
6
μA
DIDD
1
93
μA
POWER DISSIPATION
MCLK = 1.024 MHz
AD7767 Operational Power
128 kHz output data rate
15
18
mW
AD7767-1 Operational Power
64 kHz output data rate
10.5
13
mW
AD7767-2 Operational Power
32 kHz output data rate
8.5
10.5
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com