Electronic Components Datasheet Search
  English  ▼

X  

AD7763 Datasheet(PDF) 6 Page - Analog Devices

Part # AD7763
Description  24-Bit, 8.5 mW, 109 dB, 128 kSPS/64 kSPS/32 kSPS ADCs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7763 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7763 Datasheet HTML 2Page - Analog Devices AD7763 Datasheet HTML 3Page - Analog Devices AD7763 Datasheet HTML 4Page - Analog Devices AD7763 Datasheet HTML 5Page - Analog Devices AD7763 Datasheet HTML 6Page - Analog Devices AD7763 Datasheet HTML 7Page - Analog Devices AD7763 Datasheet HTML 8Page - Analog Devices AD7763 Datasheet HTML 9Page - Analog Devices AD7763 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Data Sheet
AD7767
SPECIFICATIONS
analog.com
Rev. D | 6 of 23
1 Specifications are for all devices, AD7767, AD7767-1, and AD7767-2.
2 See the Terminology section.
TIMING SPECIFICATIONS
AVDD = DVDD = 2.5 V ± 5%, VDRIVE = 1.7 V to 3.6 V, VREF = 5 V, common-mode input = VREF/2, TA = −40°C (TMIN) to +105°C (TMAX), unless
otherwise noted. Sample tested during initial release to ensure compliance. All input signals are specified with tr = tf = 5 ns (10% to 90% of
DVDD) and timed from a voltage level of 1.7 V.
Table 3.
Parameter
Limit at tMIN, tMAX
Unit
Description
DRDY OPERATION
t1
510
ns typ
MCLK rising edge to DRDY falling edge
t21
100
ns min
MCLK high pulse width
t31
900
ns max
MCLK low pulse width
t4
265
ns typ
MCLK rising edge to DRDY rising edge (AD7767)
128
ns typ
MCLK rising edge to DRDY rising edge (AD7767-1)
71
ns typ
MCLK rising edge to DRDY rising edge (AD7767-2)
t5
294
ns typ
DRDY pulse width (AD7767)
435
ns typ
DRDY pulse width (AD7767-1)
492
ns typ
DRDY pulse width (AD7767-2)
tREAD2
tDRDY − t5
ns typ
DRDY low period, read data during this period
tDRDY2
n × 8 × tMCLK
ns typ
DRDY period
Read OPERATION
t6
0
ns min
DRDY falling edge to CS setup time
t7
6
ns max
CS falling edge to SDO tristate disabled
t8
60
ns max
Data access time after SCLK falling edge (VDRIVE = 1.7 V)
50
ns max
Data access time after SCLK falling edge (VDRIVE = 2.3 V)
25
ns max
Data access time after SCLK falling edge (VDRIVE = 2.7 V)
24
ns max
Data access time after SCLK falling edge (VDRIVE = 3.0 V)
t9
10
ns min
SCLK falling edge to data valid hold time (VDRIVE = 3.6 V)
t10
10
ns min
SCLK high pulse width
t11
10
ns min
SCLK low pulse width
tSCLK
1/t8
sec min
Minimum SCLK period
t12
6
ns max
Bus relinquish time after CS rising edge
t13
0
ns min
CS rising edge to DRDY rising edge
Read OPERATION WITH CS LOW
t14
0
ns min
DRDY falling edge to data valid setup time
t15
0
ns max
DRDY rising edge to data valid hold time
DAISY-CHAIN OPERATION
t16
1
ns min
SDI valid to SCLK falling edge setup time
t17
2
ns max
SCLK falling edge to SDI valid hold time
SYNC/PD OPERATION
t18
1
ns typ
SYNC/PD falling edge to MCLK rising edge
t19
20
ns typ
MCLK rising edge to DRDY rising edge going into SYNC/PD mode
t20
1
ns min
SYNC/PD rising edge to MCLK rising edge
t21
510
ns typ
MCLK rising edge to DRDY falling edge coming out of SYNC/PD mode
tSETTLING2
590
tMCLK
Filter settling time after a reset or power-down (AD7767)
1180
tMCLK
Filter settling time after a reset or power-down (AD7767-1)
2357
tMCLK
Filter settling time after a reset or power-down (AD7767-2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com