Electronic Components Datasheet Search
  English  ▼

X  

AD7763 Datasheet(PDF) 20 Page - Analog Devices

Part # AD7763
Description  24-Bit, 8.5 mW, 109 dB, 128 kSPS/64 kSPS/32 kSPS ADCs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7763 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD7763 Datasheet HTML 15Page - Analog Devices AD7763 Datasheet HTML 16Page - Analog Devices AD7763 Datasheet HTML 17Page - Analog Devices AD7763 Datasheet HTML 18Page - Analog Devices AD7763 Datasheet HTML 19Page - Analog Devices AD7763 Datasheet HTML 20Page - Analog Devices AD7763 Datasheet HTML 21Page - Analog Devices AD7763 Datasheet HTML 22Page - Analog Devices AD7763 Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
Data Sheet
AD7767
DRIVING THE AD7767
analog.com
Rev. D | 20 of 23
The AD7767 must be driven with fully differential inputs. The com-
mon-mode voltage of the differential inputs to the AD7767 device
and therefore the limits on the differential inputs are set by the
reference voltage (VREF) applied to the device. The common-mode
voltage of the AD7767 is VREF/2. When the AD7767 VREF+ pin has
a 5 V supply (using ADR445, ADR435, or ADR425), the common
mode is at 2.5 V, meaning that the maximum inputs that can be
applied on the AD7767 differential inputs are a 5 V p-p input around
2.5 V.
Figure 39. Maximum Differential Inputs to the AD7767
An analog voltage of 2.5 V supplies the AD7767 AVDD pin. Howev-
er, the AD7767 allows the user to apply a reference voltage of up
to 5 V. This provides the user with an increased full-scale range,
offering the user the option of using the AD7767 with a greater LSB
voltage. Figure 39 shows the maximum inputs to the AD7767.
DIFFERENTIAL SIGNAL SOURCE
An example of recommended driving circuitry that can be used
in conjunction with the AD7767/AD7767-1/AD7767-2 is shown in
Figure 40. Figure 40 shows how the ADA4841-1 device can be
used to drive an input to the AD7767/AD7767-1/AD7767-2 from a
differential source. Each of the differential paths is driven by an
ADA4841-1 device.
SINGLE-ENDED SIGNAL SOURCE
For applications using a single-ended analog signal, either bipolar
or unipolar, the ADA4941-1 single-ended-to-differential driver cre-
ates a fully differential input to the AD7767/AD7767-1/ AD7767-2.
The schematic is shown in Figure 41.
R1 and R2 set the attenuation ratio between the input range and
the ADC range (VREF). R1, R2, and CF are chosen depending on
the desired input resistance, signal bandwidth, antialiasing, and
noise contribution. The ratio of R2 to R1 should be equal to the ratio
of REF to the peak-to-peak input voltage. For example, for the ±10
V range with a 4 kΩ impedance, R2 = 1 kΩ and R1 = 4 kΩ.
R3 and R4 set the common mode on the IN− input, and R5 and R6
set the common mode on the IN+ input of the ADC. The common
mode, which is equal to the voltage present at VOFFSET1, should be
close to VREF/2. The voltage present should roughly be set to the
ratio of VOFFSET1 to 1 + R2/R1.
Figure 40. Driving the AD7767 from a Fully Differential Source
Figure 41. Driving the AD7767 from a Single-Ended Source
Table 8. Resistor Values Required When Using the Differential to Single-Ended Circuit with ADA4941 (See Figure 41)
VIN (V)
VOFFSET1 (V)
VOFFSET2 (V)
OUT+ (V)
OUT− (V)
R1 (kΩ)
R2 (kΩ)
R4 (kΩ)
R3 = R5 = R6 (kΩ)
+20, −20
2.5
2.203
−0.01, +4.96
5.01, 0.04
8.06
1
12.7
10
+10, −10
2.5
2.000
0.01, 4.99
4.99, 0.01
4.02
1
15
10
+5, −5
2.5
1.667
0.00, 5.00
5.00, 0.00
2
1
20
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com