Electronic Components Datasheet Search
  English  ▼

X  

AD7763 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7763
Description  24-Bit, 8.5 mW, 109 dB, 128 kSPS/64 kSPS/32 kSPS ADCs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7763 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7763 Datasheet HTML 5Page - Analog Devices AD7763 Datasheet HTML 6Page - Analog Devices AD7763 Datasheet HTML 7Page - Analog Devices AD7763 Datasheet HTML 8Page - Analog Devices AD7763 Datasheet HTML 9Page - Analog Devices AD7763 Datasheet HTML 10Page - Analog Devices AD7763 Datasheet HTML 11Page - Analog Devices AD7763 Datasheet HTML 12Page - Analog Devices AD7763 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
Data Sheet
AD7767
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. D | 9 of 23
Figure 6. 16-Lead TSSOP Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
AVDD
+2.5 V Analog Power Supply.
2
VREF+
Reference Input for the AD7767. An external reference must be applied to this input pin. The VREF+ input can range from 2.4 V to 5 V. The
reference voltage input is independent of the voltage magnitude applied to the AVDD pin.
3
REFGND
Reference Ground. Ground connection for the reference voltage. The input reference voltage (VREF+) should be decoupled to this pin.
4
VIN+
Positive Input of the Differential Analog Input.
5
VIN−
Negative Input of the Differential Analog Input.
6
AGND
Power Supply Ground for Analog Circuitry.
7
SYNC/PD
Synchronization and Power-Down Input Pin. This pin has dual functionality. It can be used to synchronize multiple AD7767 devices and/or to
put the AD7767 device into power-down mode. See the Power-Down, Reset, and Synchronization section for further details.
8
DVDD
2.5 V Digital Power Supply Input. In cases where an logic voltage of 2.5 V is used for interfacing (2.5 V applied to VDRIVE pin), the DVDD and
VDRIVE pin may be connected to the same voltage supply rail.
9
VDRIVE
Logic Power Supply Input, 1.8 V to 3.6 V. The voltage supplied at this pin determines the operating voltage of the digital logic interface.
10
SDO
Serial Data Output. The conversion result from the AD7767 is output on the SDO pin as a 24-bit, twos complement, MSB first, serial data
stream.
11
DGND
Digital Logic Power Supply Ground.
12
DRDY
Data Ready Output. A falling edge on the DRDY signal indicates that a new conversion data result is available in the output register of the
AD7767. See the AD7767 Interface section for further details.
13
SCLK
Serial Clock Input. The SCLK input provides the serial clock for all serial data transfers with the AD7767 device. See the AD7767 Interface
section for further details.
14
MCLK
Main Clock Input. The AD7767 sampling frequency is equal to the MCLK frequency.
15
SDI
Serial Data Input. This is the daisy-chain input of the AD7767. See the Daisy Chaining section for further details.
16
CS
Chip Select Input. The CS input selects the AD7767 device and acts as an enable on the SDO pin. In cases where CS is used, the MSB of the
conversion result is clocked onto the SDO line on the CS falling edge. The CS input allows multiple AD7767 devices to share the same SDO
line. This allows the user to select the appropriate device by supplying it with a logic low CS signal, which enables the SDO pin of the device
concerned. See the AD7767 Interface section for further details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com