Electronic Components Datasheet Search
  English  ▼

X  

AD7763 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7763
Description  24-Bit, 8.5 mW, 109 dB, 128 kSPS/64 kSPS/32 kSPS ADCs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7763 Datasheet(HTML) 3 Page - Analog Devices

  AD7763 Datasheet HTML 1Page - Analog Devices AD7763 Datasheet HTML 2Page - Analog Devices AD7763 Datasheet HTML 3Page - Analog Devices AD7763 Datasheet HTML 4Page - Analog Devices AD7763 Datasheet HTML 5Page - Analog Devices AD7763 Datasheet HTML 6Page - Analog Devices AD7763 Datasheet HTML 7Page - Analog Devices AD7763 Datasheet HTML 8Page - Analog Devices AD7763 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Data Sheet
AD7767
GENERAL DESCRIPTION
analog.com
Rev. D | 3 of 23
The AD7767/AD7767-1/AD7767-2 are high performance, 24-bit,
oversampled SAR analog-to-digital converters (ADCs). The
AD7767/AD7767-1/AD7767-2 combine the benefits of a large dy-
namic range and input bandwidth, consuming 15 mW, 10.5 mW,
and 8.5 mW power, respectively, and are contained in a 16-lead
TSSOP package.
Ideal for ultralow power data acquisition (such as PCI- and USB-
based systems), the AD7767/AD7767-1/AD7767-2 provide 24-bit
resolution. The combination of exceptional SNR, wide dynamic
range, and outstanding dc accuracy make the AD7767/AD7767-1/
AD7767-2 ideally suited for measuring small signal changes over
a wide dynamic range. This is particularly suitable for applications
where small changes on the input are measured on larger ac or dc
signals. In such an application, the AD7767/AD7767-1/AD7767-2
accurately gather both ac and dc information.
The AD7767/AD7767-1/AD7767-2 include an on-board digital fil-
ter (complete with linear phase response) that acts to eliminate
out-of-band noise by filtering the oversampled input voltage. The
oversampled architecture also reduces front-end antialias require-
ments. Other features of the AD7767 include a SYNC/PD (synchro-
nization/power-down) pin, allowing the synchronization of multiple
AD7767 devices. The addition of an SDI pin provides the option of
daisy chaining multiple AD7767 devices.
The AD7767/AD7767-1/AD7767-2 operate from a 2.5 V supply
using a 5 V reference. The devices operate from −40°C to +105°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com