Electronic Components Datasheet Search
  English  ▼

X  

FG256 Datasheet(PDF) 2 Page - Advanced Micro Devices

Part # FG256
Description  XC95288XL High Performance CPLD
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

FG256 Datasheet(HTML) 2 Page - Advanced Micro Devices

  FG256 Datasheet HTML 1Page - Advanced Micro Devices FG256 Datasheet HTML 2Page - Advanced Micro Devices FG256 Datasheet HTML 3Page - Advanced Micro Devices FG256 Datasheet HTML 4Page - Advanced Micro Devices FG256 Datasheet HTML 5Page - Advanced Micro Devices FG256 Datasheet HTML 6Page - Advanced Micro Devices FG256 Datasheet HTML 7Page - Advanced Micro Devices FG256 Datasheet HTML 8Page - Advanced Micro Devices FG256 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
XC95288XL High Performance CPLD
2
www.xilinx.com
DS055 (v2.1 April 3, 2007
1-800-255-7778
Product Specification
R
application note XAPP114, “Understanding XC9500XL
CPLD Power.”
Figure 1: Typical ICC vs. Frequency for XC95288XL
Clock Frequency (MHz)
100
200
250
DS055_01_121501
200
250
300
350
400
450
500
550
50
50
150
150
100
0
94 MHz
Hig
hP
erfo
rmanc
e
208 MHz
Lo
wP
ower



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com