Electronic Components Datasheet Search
  English  ▼

X  

FG256 Datasheet(PDF) 7 Page - Advanced Micro Devices

Part # FG256
Description  XC95288XL High Performance CPLD
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

FG256 Datasheet(HTML) 7 Page - Advanced Micro Devices

Back Button FG256 Datasheet HTML 3Page - Advanced Micro Devices FG256 Datasheet HTML 4Page - Advanced Micro Devices FG256 Datasheet HTML 5Page - Advanced Micro Devices FG256 Datasheet HTML 6Page - Advanced Micro Devices FG256 Datasheet HTML 7Page - Advanced Micro Devices FG256 Datasheet HTML 8Page - Advanced Micro Devices FG256 Datasheet HTML 9Page - Advanced Micro Devices FG256 Datasheet HTML 10Page - Advanced Micro Devices FG256 Datasheet HTML 11Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
XC95288XL High Performance CPLD
DS055 (v2.1 April 3, 2007
www.xilinx.com
7
Product Specification
1-800-255-7778
R
XC95288XL I/O Pins (2)
Func-
tion
Block
Macro
cell
TQ144
PQ208 BG256 FG256 CS280
BScan
Order
Func-
tion
Block
Macro
cell
TQ144 PQ208 BG256 FG256 CS280
BScan
Order
1
1
–
–––
–
861
3
1
–
–
–
–
–
753
1
2
–
28
L1
H1
K2
858
3
2
28
38
P1
L2
N2
750
1
3
–
29
L2
H5
K3
855
3
3
–
39R1L5
P1
747
1
4
–
–––
–
852
3
4
–
–
–
–
–
744
1
5
20
30
L3
J1
K4
849
3
5
–
40
P3
M1
P2
741
1
6
21
31
L4
J5
L1
846
3
6
–
41
R2
L4
P3
738
1
7
–
–––
–
843
3
7
–
–
–
–
–
735
1
8
22
32
M1
J2
L2
840
3
8
–
43
P4
N1
P4
732
1
9
–
–
M2
J3
L3
837
3
9
–
–
R3
L3
R1
729
110
23
33
M3
K1
L4
834
3
10
30(1)
44(1)
T2(1)
M2(1) R3(1)
726
1
11
–
–
M4
J4
M1
831
3
11
–
–
U1
M4
R2
723
1
12
24
34
N1
K2
M2
828
3
12
31
45
T3
P1
R4
720
1
13
–
–––
–
825
3
13
–
–
–
–
–
717
114
25
35
N2
K5
M3
822
3
14
32(1)
46(1)
U2(1) M3(1) T1(1)
714
1
15
26
36N3L1
M4
819
3
15
33
47
V1
N2
T2
711
1
16
–
–––
–
816
3
16
–
–
–
–
–
708
1
17
27
37
N4
K3
N1
813
3
17
–
48
T4
N4
T3
705
1
18
–
–––
–
810
3
18
–
–
–
–
–
702
2
1
–
–––
–
807
4
1
–
–
–
–
–
699
2
2
9
15
G2D1G3
804
4
2
2(1)
3(1)
C2(1) D3(1) C2(1)
696
2
3
10
16
G1
G4
G2
801
4
3
–
4
D2
D2
B1
693
2
4
–
–––
–
798
4
4
–
–
–
–
–
690
2
5
11
17
H4
E1
G1
795
4
5
3(1)
5(1)
D3(1)
E3(1) C1(1)
687
2
6
12
18
H3
G3
G4
792
4
6
4
6
E4
C2
D4
684
2
7
–
–––
–
789
4
7
–
–
–
–
–
681
2
8
13
19
H2
G2
H1
786
4
8
5(1)
7(1)
C1(1) D4(1) D3(1)
678
2
9
–
–
H1
F5
H3
783
4
9
–
–
D1
B1
D2
675
2
10
14
20
J4
F1
H2
780
4
10
–
8
E3
E4
D1
672
2
11
–
–
J3
G5
H4777
4
11
–
–
E2
C1
E3669
212
15
21
J2
H2
J1
774
4
12
6(1)
9(1)
E1(1)
E5(1) E2(1)
666
2
13
–
–––
–
771
4
13
–
–
–
–
–
663
2
14
16
22
J1
H4
J2
768
4
14
7
10
F3
E2
E4
660
2
15
17
23
K2
G1
J3
765
4
15
–
12
F2
F2
F3
657
2
16
–
–––
–
762
4
16
–
–
–
–
–
654
2
17
19
25
K1
H3
J4
759
4
17
–
14
G3
E6
F4
651
2
18
–
–––
–
756
4
18
–
–
–
–
–
648
Notes:
1.
Global control pin.
2.
The pin-outs are the same for Pb-free versions of packages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com