Electronic Components Datasheet Search
  English  ▼

X  

FG256 Datasheet(PDF) 10 Page - Advanced Micro Devices

Part # FG256
Description  XC95288XL High Performance CPLD
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

FG256 Datasheet(HTML) 10 Page - Advanced Micro Devices

Back Button FG256 Datasheet HTML 6Page - Advanced Micro Devices FG256 Datasheet HTML 7Page - Advanced Micro Devices FG256 Datasheet HTML 8Page - Advanced Micro Devices FG256 Datasheet HTML 9Page - Advanced Micro Devices FG256 Datasheet HTML 10Page - Advanced Micro Devices FG256 Datasheet HTML 11Page - Advanced Micro Devices FG256 Datasheet HTML 12Page - Advanced Micro Devices FG256 Datasheet HTML 13Page - Advanced Micro Devices FG256 Datasheet HTML 14Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
XC95288XL High Performance CPLD
10
www.xilinx.com
DS055 (v2.1 April 3, 2007
1-800-255-7778
Product Specification
R
13
1
–
–
–
–
–
213
15
1
–
–
–
–
–
105
13
2
71
103
Y20
P13
V17
210
15
2
79
117
P19
M12
P16
102
13
3
–
106
V19
P15
U18
207
15
3
80
118
P20
M16
P19
99
13
4
–
–
–
–
–
204
15
4
–
–
–
–
–
96
13
5
–
107
U19
N14
V19
201
15
5
–
119
N17
K14
N17
93
13
6
–
109
T17
R16
U19
198
15
6
–
120
N18
L16
N18
90
13
7
–
–
–
–
–
195
15
7
–
–
–
–
–
87
13
8
74
110
V20
N15
T16
192
15
8
81
121
N19
K13
N19
84
13
9
–
–
U20
M15
T17
189
15
9
–
–
N20
K15
N16
81
13
10
–
111
T18
M13
T18
186
15
10
82
122
M17
L12
M19
78
13
11
75
112
T19
P16
T19
183
15
11
83
123
M18
K16
M17
75
13
12
–
113
R18
N16
R18
180
15
12
85
125
M20
J14
M16
72
13
13
–
–
–
–
–
177
15
13
–
–
–
–
–
69
13
14
76
114
P17
M14
R16
174
15
14
86
126
L19
J15
L19
66
13
15
77
115
R20
L15
R19
171
15
15
87
127
L18
J13
L18
63
13
16
–
–
–
–
–
168
15
16
–
–
–
–
–
60
13
17
78
116
P18
L13
P17
165
15
17
88
128
L20
J16
L17
57
13
18
–
–
–
–
–
162
15
18
–
–
–
–
–
54
14
1
–
–
–
–
–
159
16
1
–
–
–
–
–
51
14
2
–
144
G19
F15
G19
156
16
2
91
131
K19
K12
L16
48
14
3
100
145
F19
E15
G16
153
16
3
92
133
K18
J12
K18
45
14
4
–
–
–
–
–
150
16
4
–
–
–
–
–
42
14
5
101
146
E20
F13
F19
147
16
5
93
134
K17
H15
K17
39
14
6
102
147
G17
D16
F18
144
16
6
94
135
J20
H14
K16
36
14
7
–
–
–
–
–
141
16
7
–
–
–
–
–
33
14
8
103
148
F18
F14
F17
138
16
8
95
136
J19
G16
J19
30
14
9
–
–
E19
C16
F16
135
16
9
–
–
J18
H13
J18
27
14
10
104
149
D20
E14
E19
132
16
10
96
137
J17
G15
J17
24
14
11
105
150
E18
D15
E17
129
16
11
97
138
H20
H16
J16
21
14
12
–
151
D19
G12
E18
126
16
12
98
139
H19
F16
H19
18
14
13
–
–
–
–
–
123
16
13
–
–
–
–
–
15
14
14
106
152
C20
C15
E16
120
16
14
–
140
H18
H12
H18
12
14
15
107
154
D18
D14
D18
117
16
15
–
142
H17
E16
H17
9
14
16
–
–
–
–
–
114
16
16
–
–
–
–
–
6
14
17
–
155
C18
B16
D17
111
16
17
–
143
G20
G14
H16
3
14
18
–
–
–
–
–
108
16
18
–
–
–
–
–
0
Notes:
1.
Global control pin.
2.
The pin-outs are the same for Pb-free versions of packages.
XC95288XL I/O Pins (Continued)(2)
Func-
tion
Block
Macro
cell
TQ144
PQ208 BG256 FG256 CS280
BScan
Order
Func-
tion
Block
Macro
cell
TQ144 PQ208 BG256 FG256 CS280
BScan
Order



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com