Electronic Components Datasheet Search
  English  ▼

X  

FG256 Datasheet(PDF) 4 Page - Advanced Micro Devices

Part # FG256
Description  XC95288XL High Performance CPLD
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

FG256 Datasheet(HTML) 4 Page - Advanced Micro Devices

  FG256 Datasheet HTML 1Page - Advanced Micro Devices FG256 Datasheet HTML 2Page - Advanced Micro Devices FG256 Datasheet HTML 3Page - Advanced Micro Devices FG256 Datasheet HTML 4Page - Advanced Micro Devices FG256 Datasheet HTML 5Page - Advanced Micro Devices FG256 Datasheet HTML 6Page - Advanced Micro Devices FG256 Datasheet HTML 7Page - Advanced Micro Devices FG256 Datasheet HTML 8Page - Advanced Micro Devices FG256 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
XC95288XL High Performance CPLD
4
www.xilinx.com
DS055 (v2.1 April 3, 2007
1-800-255-7778
Product Specification
R
Absolute Maximum Ratings(2)
Recommended Operation Conditions
Quality and Reliability Characteristics
DC Characteristic Over Recommended Operating Conditions
Symbol
Description
Value
Units
VCC
Supply voltage relative to GND
–0.5 to 4.0
V
VIN
Input voltage relative to GND(1)
–0.5 to 5.5
V
VTS
Voltage applied to 3-state output(1)
–0.5 to 5.5
V
TSTG
Storage temperature (ambient)(3)
–65 to +150
oC
TJ
Junction temperature
+150
oC
Notes:
1.
Maximum DC undershoot below GND must be limited to either 0.5V or 10 mA, whichever is easier to achieve. During transitions, the
device pins may undershoot to –2.0V or overshoot to +7.0V, provided this over- or undershoot lasts less than 10 ns and with the
forcing current being limited to 200 mA. External I/O voltage may not exceed VCCINT by 4.0V.
2.
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress
ratings only, and functional operation of the device at these or any other conditions beyond those listed under Operating Conditions
is not implied. Exposure to Absolute Maximum Ratings conditions for extended periods of time may affect device reliability.
3.
For soldering guidelines and thermal considerations, see the Device Packaging information on the Xilinx website. For Pb-free
packages, see XAPP427.
Symbol
Parameter
Min
Max
Units
VCCINT
Supply voltage for internal logic
and input buffers
Commercial TA = 0oC to 70oC3.0
3.6
V
Industrial TA = –40oC to +85oC3.0
3.6
V
VCCIO
Supply voltage for output drivers for 3.3V operation
3.0
3.6
V
Supply voltage for output drivers for 2.5V operation
2.3
2.7
V
VIL
Low-level input voltage
0
0.80
V
VIH
High-level input voltage
2.0
5.5
V
VO
Output voltage
0
VCCIO
V
Symbol
Parameter
Min
Max
Units
TDR
Data Retention
20
-
Years
NPE
Program/Erase Cycles (Endurance)
10,000
-
Cycles
VESD
Electrostatic Discharge (ESD)
2,000
-
Volts
Symbol
Parameter
Test Conditions
Min
Max
Units
VOH
Output high voltage for 3.3V outputs
IOH = –4.0 mA
2.4
-
V
Output high voltage for 2.5V outputs
IOH = –500 μA90% VCCIO
-V
VOL
Output low voltage for 3.3V outputs
IOL = 8.0 mA
-
0.4
V
Output low voltage for 2.5V outputs
IOL = 500 μA-
0.4
V
IIL
Input leakage current
VCC = Max; VIN = GND or VCC
-±10
μA
IIH
I/O high-Z leakage current
VCC = Max; VIN = GND or VCC
-±10
μA
IIH
I/O high-Z leakage current
VCC = Max; VCCIO = Max;
VIN = GND or 3.6V
-±10
μA
VCC Min < VIN < 5.5V
-
±50
μA
CIN
I/O capacitance
VIN = GND; f = 1.0 MHz
-
10
pF
ICC
Operating supply current
(low power mode, active)
VIN = GND, No load; f = 1.0 MHz
85 (Typical)
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com