Electronic Components Datasheet Search
  English  ▼

X  

FG256 Datasheet(PDF) 5 Page - Advanced Micro Devices

Part # FG256
Description  XC95288XL High Performance CPLD
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

FG256 Datasheet(HTML) 5 Page - Advanced Micro Devices

  FG256 Datasheet HTML 1Page - Advanced Micro Devices FG256 Datasheet HTML 2Page - Advanced Micro Devices FG256 Datasheet HTML 3Page - Advanced Micro Devices FG256 Datasheet HTML 4Page - Advanced Micro Devices FG256 Datasheet HTML 5Page - Advanced Micro Devices FG256 Datasheet HTML 6Page - Advanced Micro Devices FG256 Datasheet HTML 7Page - Advanced Micro Devices FG256 Datasheet HTML 8Page - Advanced Micro Devices FG256 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
XC95288XL High Performance CPLD
DS055 (v2.1 April 3, 2007
www.xilinx.com
5
Product Specification
1-800-255-7778
R
AC Characteristics
Symbol
Parameter
XC95288XL-6
XC95288XL-7
XC95288XL-10
Units
Min
Max
Min
Max
Min
Max
TPD
I/O to output valid
-
6.0
-
7.5
-
10.0
ns
TSU
I/O setup time before GCK
4.0
-
4.8
-
6.5
-
ns
TH
I/O hold time after GCK
0
-
0
-
0
-
ns
TCO
GCK to output valid
-
3.8
-
4.5
-
5.8
ns
fSYSTEM
Multiple FB internal operating frequency
-
208.3
-
125.0
-
100.0
MHz
TPSU
I/O setup time before p-term clock input
1.0
-
1.6
-
2.1
-
ns
TPH
I/O hold time after p-term clock input
2.6
-
3.2
-
4.4
-
ns
TPCO
P-term clock output valid
-
6.8
-
7.7
-
10.2
ns
TOE
GTS to output valid
-
4.5
-
5.0
-
7.0
ns
TOD
GTS to output disable
-
4.5
-
5.0
-
7.0
ns
TPOE
Product term OE to output enabled
-
8.4
-
9.5
-
11.0
ns
TPOD
Product term OE to output disabled
-
8.4
-
9.5
-
11.0
ns
TAO
GSR to output valid
-
10.8
-
12.0
-
14.5
ns
TPAO
P-term S/R to output valid
-
11.8
-
12.6
-
15.3
ns
TWLH
GCK pulse width (High or Low)
2.4
-
4.0
-
4.5
-
ns
TAPRPW
Asynchronous preset/reset pulse width
(High or Low)
6.0
-
6.5
-
7.0
-
ns
TPLH
P-term clock pulse width (High or Low)
6.0
-
6.5
-
7.0
-
ns
Figure 3: AC Load Circuit
Device Output
Output Type
VTEST
3.3V
2.5V
VTEST
R1
320
Ω
250
Ω
R1
R2
CL
R2
360
Ω
660
Ω
CL
35 pF
35 pF
DS058_03_081500
VCCIO
3.3V
2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com