Electronic Components Datasheet Search
  English  ▼

X  

F1950 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # F1950
Description  6-bit 0.5dB Digital Step Attenuator 100MHz to 5000MHz
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1950 Datasheet(HTML) 3 Page - Renesas Technology Corp

  F1950 Datasheet HTML 1Page - Renesas Technology Corp F1950 Datasheet HTML 2Page - Renesas Technology Corp F1950 Datasheet HTML 3Page - Renesas Technology Corp F1950 Datasheet HTML 4Page - Renesas Technology Corp F1950 Datasheet HTML 5Page - Renesas Technology Corp F1950 Datasheet HTML 6Page - Renesas Technology Corp F1950 Datasheet HTML 7Page - Renesas Technology Corp F1950 Datasheet HTML 8Page - Renesas Technology Corp F1950 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
© 2021 Renesas Electronics Corporation
3
Sep 28, 2021
F1951 SPECIFICATION (31.5 dB Range)
Specifications apply at VDD = +3.3V, fRF = 2000MHz, TC= +25°C unless otherwise noted, EVKit losses are de-embedded (see p. 17)
Parameter
Comment
Sym.
Min
Typical
Max
Units
Logic Input High
CLK, CSb, DATA, D[5:0],
RSTb
VIH
2.3[a]
3.6[b]
V
Logic Input Low
CLK, CSb, DATA, D[5:0],
RSTb
VIL
0.7
V
Logic Current
VMODE
IIH, IIL
-5
+5
µA
Supply Voltage(s)
Main Supply
VDD
3.0
5.25
V
Supply Current
Total
IDD
1.1
2
mA
Temperature Range
Operating Range (Case)
TC
-40
100
°C
Frequency Range
Operating Range
fRF
100
5000
MHz
RF1, RF2 Return Loss
dB(s11), dB(s22)
S11, S22
-22
dB
Minimum Attenuation
D[5:0] = [111111]
AMIN or IL
1.2
1.9
dB
Maximum Attenuation
• D[5:0] = [000000]
• VDD = 3.3V
AMAX
32.2
32.5
dB
Minimum Gain Step
Least Significant Bit
LSB
0.50
dB
Phase Delta
Phase change AMIN vs. AMAX
ΦΔ
33
deg
Differential Non-Linearity
Error: adjacent steps
DNL
0.08
dB
Integral Non-Linearity
Error: absolute to 14 dB
ATTN
INL1
0.03
0.34
dB
Integral Non-Linearity
Max Error vs. line (AMIN ref)
to 31.5 dB ATTN [VDD =
3.3V]
INL2
0.21
0.38
dB
Input IP3
 PIN = +10 dBm per tone
 50 MHz Tone Separation
 VDD = 3.3V
dBm
D[5:0] = [111111] = AMIN
IP3I1
+61
+64
D[5:0] = [100000] = A15.5
IP3I2
+59
+61
D[5:0] = [000000] = AMAX
IP3I3
+57
+61
0.1 dB Compression
Please note ABS
MAX
 D[5:0] = [111010] = A2.5
 Baseline PIN = 20 dBm
P0.1
29
dBm
Settling Time
 Start LE rising edge > VIH
 End +/-0.10 dB Pout
settling
 15.5 – 16.0 transition
TLSB
400
ns
Serial Clock Speed
SPI 4 wire bus
FCLK
20
50
MHz
Reset to Serial Setup
SPI 4 wire bus
A
20
ns
Serial Data Hold Time
SPI 4 wire bus
B
5
ns
CSb setup delay
SPI 4 wire bus
C
40
ns
Serial Data Out Delay
SPI 4 wire bus
D
8
8
8
Cycles
[a] – Items in min/max columns in bold italics are Guaranteed by Test.
[b] – All other Items in min/max columns are Guaranteed by Design Characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com