Electronic Components Datasheet Search
  English  ▼

X  

F1950 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # F1950
Description  6-bit 0.5dB Digital Step Attenuator 100MHz to 5000MHz
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1950 Datasheet(HTML) 4 Page - Renesas Technology Corp

  F1950 Datasheet HTML 1Page - Renesas Technology Corp F1950 Datasheet HTML 2Page - Renesas Technology Corp F1950 Datasheet HTML 3Page - Renesas Technology Corp F1950 Datasheet HTML 4Page - Renesas Technology Corp F1950 Datasheet HTML 5Page - Renesas Technology Corp F1950 Datasheet HTML 6Page - Renesas Technology Corp F1950 Datasheet HTML 7Page - Renesas Technology Corp F1950 Datasheet HTML 8Page - Renesas Technology Corp F1950 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
© 2021 Renesas Electronics Corporation
4
Sep 28, 2021
SERIAL CONTROL MODE
Data is clocked in LSB first via serial mode. Note the timing diagram below.
An RSTb pulse resets the shift register to [00000000]. If the RSTb pulse is followed immediately by a CSb pulse the
device will be set to Maximum Attenuation.
Note – The F1951 includes a CLK inhibit feature designed to minimize sensitivity to CLK bus noise when the device
is not being programmed. When CSb is high (> VIH), the CLK input is disabled and serial data (SDI) will not be clocked
into the shift register. It is recommended that CSb be pulled high (>VIH) when the device is not being programmed
SERIAL REGISTER TIMING DIAGRAM [SINGLE DEVICE]: (Note the Timing Spec Intervals in Blue)
X
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
X
0.5 dB
1 dB
2 dB
4 dB
8 dB 16 dB
R0
R1
D0
D1
D2
D3
D4
D5
RSV
MSB
Data Word IN 8 bits
RSTb
CLK
CSb
SDI
SDO
Serial Input Data
read into shift register
on rising edge of CLK
Data Word latched into
active register on rising
edge of CSb
C
C
B
A
RSV
While CSb is low, SDO transmits the
contents of the shift register delayed by 8
clock cycles
When CSb is high, SDO is quiet
Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com