Electronic Components Datasheet Search
  English  ▼

X  

F1950 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # F1950
Description  6-bit 0.5dB Digital Step Attenuator 100MHz to 5000MHz
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1950 Datasheet(HTML) 5 Page - Renesas Technology Corp

  F1950 Datasheet HTML 1Page - Renesas Technology Corp F1950 Datasheet HTML 2Page - Renesas Technology Corp F1950 Datasheet HTML 3Page - Renesas Technology Corp F1950 Datasheet HTML 4Page - Renesas Technology Corp F1950 Datasheet HTML 5Page - Renesas Technology Corp F1950 Datasheet HTML 6Page - Renesas Technology Corp F1950 Datasheet HTML 7Page - Renesas Technology Corp F1950 Datasheet HTML 8Page - Renesas Technology Corp F1950 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
© 2021 Renesas Electronics Corporation
5
Sep 28, 2021
SERIAL REGISTER TIMING DIAGRAM [TWO OR MORE DEVICES]:
The SDO output is delayed by 8 clock cycles while CSb is low. The SDO low logic voltage is 0 volts and the SDO high
logic voltage is VDD/2. This feature allows one to program multiple DSAs (in a MIMO transceiver for instance) with a
single common CSb line by daisy-chaining the SDO of the 2nd DSA to the SDI of the 1st DSA and so forth:
X
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
X
0.5 dB
1 dB
2 dB
4 dB
8 dB 16 dB
R0
R1
D0
D1
D2
D3
D4
D5
RSV
MSB
Word1 8 bits
C
C
B
RSV
SDO returns the 1
st word written which will program DSA1
On CSb rising edge
Word2 programs
DSA2 and Word1
programs DSA1
X
X
0.5 dB
1 dB
2 dB
4 dB
8 dB 16 dB
R0
R1
D0
D1
D2
D3
D4
D5
Word2 8 bits
X
X
0.5 dB
1 dB
2 dB
4 dB
8 dB 16 dB
R0
R1
D0
D1
D2
D3
D4
D5
Word1 8 bits
SDO Quiet
SDO Quiet
D
CSb
SDI
SDO
CLK
DSA2
CSb
SDI
SDO
CLK
DSA1
Chip Select
Data
Clock
SPI
Controller
MSB
CLK
CSb
SDI
SDO
SERIAL REGISTER DEFAULT CONDITION [F1951]:
When the device is first powered up, it will default to the Maximum Attenuation setting as described below:
Note that for the F1951 (High or 1) = Attenuation Stepped OUT. (0 or Low) = Attenuation Stepped IN.
SERIAL REGISTER TIMING TABLE [F1951]:
Interval
Symbol
Description
Min
Spec
Max
Spec
Units
A
Reset to Serial Setup Time
20
ns
B
Serial Data Hold Time
5
ns
C
CSb setup delay
40
ns
D
Serial Data Out Delay
8
8
Cycles
Default Register Settings
0
0
0
0
0
0
0
0
R0
R1
D3
D0
D2
D1
LSB
D5
MSB
D4
RSV
RSV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com