Electronic Components Datasheet Search
  English  ▼

X  

F1950 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # F1950
Description  6-bit 0.5dB Digital Step Attenuator 100MHz to 5000MHz
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1950 Datasheet(HTML) 2 Page - Renesas Technology Corp

  F1950 Datasheet HTML 1Page - Renesas Technology Corp F1950 Datasheet HTML 2Page - Renesas Technology Corp F1950 Datasheet HTML 3Page - Renesas Technology Corp F1950 Datasheet HTML 4Page - Renesas Technology Corp F1950 Datasheet HTML 5Page - Renesas Technology Corp F1950 Datasheet HTML 6Page - Renesas Technology Corp F1950 Datasheet HTML 7Page - Renesas Technology Corp F1950 Datasheet HTML 8Page - Renesas Technology Corp F1950 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
© 2021 Renesas Electronics Corporation
2
Sep 28, 2021
ABSOLUTE MAXIMUM RATINGS
VDD to GND
-0.3 V to +5.50V
D[5:0], DATA, CLK, CSb, SDO, RSTb
-0.3 V to 3.6 V
RF Input Power (RF1, RF2) calibration and testing
+29 dBm
RF Input Power (RF1, RF2) continuous RF operation
+23 dBm
θJA (Junction – Ambient)
+50 °C/W
θJC (Junction – Case) The Case is defined as the exposed paddle
+3 °C/W
Operating Temperature Range (Case Temperature)
TC = -40 °C to +100°C
Maximum Junction Temperature
140 °C
Storage Temperature Range
-65 °C to +150 °C
Lead Temperature (soldering, 10s)
+260 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com