Electronic Components Datasheet Search
  English  ▼

X  

F1950 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # F1950
Description  6-bit 0.5dB Digital Step Attenuator 100MHz to 5000MHz
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1950 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button F1950 Datasheet HTML 5Page - Renesas Technology Corp F1950 Datasheet HTML 6Page - Renesas Technology Corp F1950 Datasheet HTML 7Page - Renesas Technology Corp F1950 Datasheet HTML 8Page - Renesas Technology Corp F1950 Datasheet HTML 9Page - Renesas Technology Corp F1950 Datasheet HTML 10Page - Renesas Technology Corp F1950 Datasheet HTML 11Page - Renesas Technology Corp F1950 Datasheet HTML 12Page - Renesas Technology Corp F1950 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
© 2021 Renesas Electronics Corporation
9
Sep 28, 2021
TOCS CONTINUED (-4-)
INL [150 MHz]
INL [900 MHz]
INL [2900 MHz]
INL [400 MHz]
INL [1900 MHz]
Worst Setting INL
-1.50
-1.25
-1.00
-0.75
-0.50
-0.25
0.00
0.25
0
4
8
12
16
20
24
28
-40 degC
25 degC
100 degC
Attenuation Setting (dB)
Attenuation Setting (dB)
Attenuation Setting (dB)
-1.50
-1.25
-1.00
-0.75
-0.50
-0.25
0.00
0.25
0
4
8
12
16
20
24
28
-40 degC
25 degC
100 degC
Attenuation Setting (dB)
Attenuation Setting (dB)
Attenuation Setting (dB)
-1.50
-1.25
-1.00
-0.75
-0.50
-0.25
0.00
0.25
0
4
8
12
16
20
24
28
-40 degC
25 degC
100 degC
Attenuation Setting (dB)
Attenuation Setting (dB)
Attenuation Setting (dB)
-1.50
-1.25
-1.00
-0.75
-0.50
-0.25
0.00
0.25
0
4
8
12
16
20
24
28
-40 degC
25 degC
100 degC
Attenuation Setting (dB)
Attenuation Setting (dB)
Attenuation Setting (dB)
-1.50
-1.25
-1.00
-0.75
-0.50
-0.25
0.00
0.25
0
4
8
12
16
20
24
28
-40 degC
25 degC
100 degC
Attenuation Setting (dB)
Attenuation Setting (dB)
Attenuation Setting (dB)
-4.0
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
100
500
900
1300
1700
2100
2500
2900
3300
3700
-40 degC
25 degC
100 degC
RF Frequency (MHz)
RF Frequency (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com