Electronic Components Datasheet Search
  English  ▼

X  

DDC101 Datasheet(PDF) 4 Page - Texas Instruments

Part # DDC101
Description  20-BIT ANALOG-TO-DIGITAL CONVERTER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DDC101 Datasheet(HTML) 4 Page - Texas Instruments

  DDC101 Datasheet HTML 1Page - Texas Instruments DDC101 Datasheet HTML 2Page - Texas Instruments DDC101 Datasheet HTML 3Page - Texas Instruments DDC101 Datasheet HTML 4Page - Texas Instruments DDC101 Datasheet HTML 5Page - Texas Instruments DDC101 Datasheet HTML 6Page - Texas Instruments DDC101 Datasheet HTML 7Page - Texas Instruments DDC101 Datasheet HTML 8Page - Texas Instruments DDC101 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
®
DDC101
4
SECTION 2
SPECIFICATIONS
ELECTRICAL
All specifications with unipolar current input range, T
INT = 1ms, correlated double sampling enabled, System Clock = 2MHz, VREF = –2.5V, TA = +25°C and VS = ±5VDC,
unless otherwise noted.
DDC101
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
INPUTS
Charge Input(6)
Unipolar Input Range
BTC Output Code
–1.95
500
pC/Integration
Bipolar Input Range
BTC Output Code
–251.95
250
pC/Integration
Input Current
Unipolar or Bipolar Range
7.8
µA
Current Input Range Examples(10)
Unipolar Input Range
T
INT
= 100
µs
–0.0195
5
µA
Unipolar Input Range
T
INT = 1ms
–1.95
500
nA
Bipolar Input Range
T
INT = 100µs
–2.5195
2.5
µA
Bipolar Input Range
T
INT = 1ms
–251.95
250
nA
Voltage Input Examples(10)
Unipolar Input Range(2)
R
IN
= 10M
Ω, T
INT
= 1ms
–0.0195
5
V
Bipolar Input Range(2)
R
IN = 10MΩ, TINT = 1ms
–2.5195
2.5
V
DYNAMIC CHARACTERISTICS
Conversion Time
64
256 x 106
µs
Integration Time
64
106
µs
System Clock Input
0.5
2
MHz
ACCURACY
Unipolar Mode Noise
Noise, Low Level Current Input(1)
C
SENSOR = 0pF, L = 8
0.9
ppm of FSR, rms(3)
Noise, Low Level Current Input(1)
C
SENSOR = 0pF, L = 1
1.6
ppm of FSR, rms
Noise, Low Level Current Input(1)
C
SENSOR
= 100pF, L = 1
2.1
3
ppm of FSR, rms
Noise, Low Level Current Input(1)
C
SENSOR = 500pF, L = 1
4.2
ppm of FSR, rms
Noise, Voltage Input(1, 2)
R
IN ≥ 20MΩ
1.9
ppm of FSR, rms
Differential Linearity Error
Unipolar Input Range
Entire Range
±0.005% Reading ±0.5ppm FSR, max
0.1% FSR Input
±0.00006
% of FSR
1% FSR Input
±0.00010
% of FSR
10% FSR Input
±0.00055
% of FSR
Unipolar or Bipolar Input Range
±0.0015
% of FSR
Integral Linearity Error
Unipolar Input Range(11)
0 to 500 pc/Integration
±0.0244% Reading ±2.5ppm FSR, max
–1.95 to 0 pc/Integration
±0.0244% Reading ±3.0ppm FSR, max
0.1% FSR Input
±0.00028
% of FSR
1% FSR Input
±0.00050
% of FSR
10% FSR Input
±0.0027
% of FSR
Unipolar or Bipolar Input Range(11)
±0.003
% of FSR
No Missing Codes
Unipolar Input Range
18
Bits
Bipolar Input Range
16
Bits
Input Bias Current
T
A
= +25
°C3
10
pA
DC Gain Error
±0.5
±2
% of FSR
Output Offset Error(8)
±0.5
ppm of FSR
Input Offset Voltage(8)
±0.5
±2mV
External Voltage Reference, V
REF
–2.5
VDC
Internal Test Signal
100
nA
Internal Test Signal Accuracy
±20
nA
Gain Sensitivity to V
REF
V
REF = 2.5V ±0.1V
1:1
PSRR
80
90
dB
PERFORMANCE OVER TEMPERATURE
Output Offset Drift(8)
not including bias current drift
0
µV/°C
Input Offset Voltage Drift(8)
1
µV/°C
Input Bias Current Drift
+25
°C to +45°C
0.1
0.5
pA/
°C
Input Bias Current
T
A
= +85
°C8
40
pA
Gain Drift(4)
±15
ppm/
°C
DIGITAL INPUT/OUTPUT
Logic Family
TTL Compatible CMOS
Logic Level: V
IH
I
IH = +5µA
+2.0
+V
CC
V
V
IL
I
IL = +5µA
–0.3
+0.8
V
V
OH
I
OH = 2 TTL Loads
+2.4
+V
CC
V
V
OL
I
OL
= 2 TTL Loads
0.0
0.4
V
Data Clock
Data I/O
8
MHz
SETUP Code I/O(9)
4
MHz
Data Format
Straight Binary
Unipolar or Bipolar Range
20
Bits
Two’s Complement
Unipolar or Bipolar Range
21
Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com