Electronic Components Datasheet Search
  English  ▼

X  

DDC101 Datasheet(PDF) 8 Page - Texas Instruments

Part # DDC101
Description  20-BIT ANALOG-TO-DIGITAL CONVERTER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DDC101 Datasheet(HTML) 8 Page - Texas Instruments

Back Button DDC101 Datasheet HTML 4Page - Texas Instruments DDC101 Datasheet HTML 5Page - Texas Instruments DDC101 Datasheet HTML 6Page - Texas Instruments DDC101 Datasheet HTML 7Page - Texas Instruments DDC101 Datasheet HTML 8Page - Texas Instruments DDC101 Datasheet HTML 9Page - Texas Instruments DDC101 Datasheet HTML 10Page - Texas Instruments DDC101 Datasheet HTML 11Page - Texas Instruments DDC101 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
®
DDC101
8
FIGURE 6. DATA TRANSMIT Timing Diagram.
FIGURE 4. Conversion Timing Diagrams.
Input
Range
Output
Format
SETUP In
DATA CLOCK
(4MHz, max for setup)
ACQ
LSB
t
5
RESET SETUP In
ACQ
MSB
Read
Read
Read
Read
t
6
t
7
FIGURE 5. Input/Output Timing Diagram—SETUP Timing Diagram.
SYSTEM
CLOCK
DATA VALID
Out
DATA TRANSMIT
In
DATA OUTPUT
DATA CLOCK
(8MHz, max for data)
t
10
DDC(1)
Bit 1, MSB
DDC(n)
Bit 21, LSB
DDC
(n+1)
Bit 1
Output Disabled
Last DDC
Bit 21
Output Enabled
Output Disabled
t
12
Data can be read on rising or falling edge of Data Clock
DATA TRANSMIT In resets DATA VALID Out.
t
9
t
11
t
13
t
17
t
8
Continuous Integration Timing
Non-Continuous Integration Timing
SYSTEM
CLOCK
FDS In
Internal
Oversampling
Interval
Internal
Reset
SYSTEM
CLOCK
FDS In
Internal
Oversampling
Interval
Internal
Reset
FDS In should be coincident with negative clock.
FDS initiates oversampling period.
M Clock Periods
End of oversample period
initiates reset for next integration.
FDS In should be coincident with negative clock.
FDS initiates oversampling period.
End of FDS In
initiates end of Internal Reset.
End of oversample
period initiates
reset.
When Internal Reset period ends,
next integration begins.
DATA VALID
Out
t
2
t
1
t
3
DATA VALID Out
Next integration begins when 1 clock
period wide Internal Reset ends.
M Clock Periods
t
4
T
INT'
T
INT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com