Electronic Components Datasheet Search
  English  ▼

X  

DDC101 Datasheet(PDF) 14 Page - Texas Instruments

Part # DDC101
Description  20-BIT ANALOG-TO-DIGITAL CONVERTER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DDC101 Datasheet(HTML) 14 Page - Texas Instruments

Back Button DDC101 Datasheet HTML 10Page - Texas Instruments DDC101 Datasheet HTML 11Page - Texas Instruments DDC101 Datasheet HTML 12Page - Texas Instruments DDC101 Datasheet HTML 13Page - Texas Instruments DDC101 Datasheet HTML 14Page - Texas Instruments DDC101 Datasheet HTML 15Page - Texas Instruments DDC101 Datasheet HTML 16Page - Texas Instruments DDC101 Datasheet HTML 17Page - Texas Instruments DDC101 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
®
DDC101
14
constraint is, the voltage that appears at the DDC101 input,
must not exceed 2.5V. If this voltage is exceeded, charge
may be lost and the integration result may be invalid. The
input voltage can be calculated:
maximum input voltage based upon several selections of
input current and input resistor for unipolar input range. The
accuracy of the input resistor will add directly to the DC
Gain Error of the DDC101; the drift of the input resistor will
add directly to the Gain Drift of the DDC101.
Note that the DDC101 output noise decreases as R
IN in-
creases. This is because the DDC101 noise gain decreases
and the input resistance current noise decreases as R
IN
increases. This effect is shown in the “Noise vs Resistor
Value” typical performance curve.
FIGURE 9b. DDC101 Input Configurations.
i
Input
Resistor
DDC101
R
IN
V
i
DDC101
Data Out
Data Out
Analog Input, pin 3
Analog Common
Analog Input, pin 3
Analog Common
Voltage Input Configuration
Current Input Configuration
0.1
0.01
0.001
0.0001
Unipolar Input Level (% of FSR)
0.001
0.01
0.1
1
10
100
FIGURE 10. Maximum Unipolar Integral Linearity Error
Relative to Full-Scale, Converted From % of
Reading Specification.
i(t)
= C
S
dv
dt
or
V
=
1
C
S
i(t)dt
∫
therefore,
V
= i
t
C
S
.
The current pulse must occur completely during part of one
DDC101 integration time, and the DDC101 must still have
time to discharge the input capacitance to ground at a
maximum rate of 7.8
µA before the DDC101 is triggered
(through the FDS input) to end the integration. In addition,
the total charge integrated must be 500pC or less for the
unipolar range. A current pulse of 100
µA for 2µs creates
200pC of charge.
VOLTAGE INPUT SPECIFICATIONS
The DDC101 is a charge digitizing device. With a user
provided input resistor, the DDC101 can digitize voltage
inputs. All of the general charge/current input specifications
apply to the voltage input situation. The specification table
shows the typical noise of the DDC101 including the effects
of a 20M
Ω input resistor, R
IN.
The input of the DDC101 is a virtual ground. A voltage input
causes a current, i, to flow into the input through R
IN as
shown in Figure 9b. The maximum input current is deter-
mined by the integration time selected. Table II shows the
V
= 100µA
()•
2
µs
100pF
= 2V.
As an example, with a user supplied input capacitance of
100pF, a current pulse of 100
µA for 2µs could be stored
without exceeding 2.5V applied to the input:
INPUT RESISTOR, R
IN
INTEGRATION TIME
1ms
500
µs
100
µs
Full Scale Input Current
0.5
µA1µA5µA
Full Scale Voltage
50mV
100k
Ω
50k
Ω
10k
Ω
500mV
1M
Ω
500k
Ω
100k
Ω
5V
10M
Ω
5M
Ω
1M
Ω
50V
100M
Ω
50M
Ω
10M
Ω
TABLE II. Example of Input Resistor Values Unipolar Input
Range.
UNIPOLAR LINEARITY ERRORS
Due to innovative design techniques, the absolute level of
linearity error of the DDC101 improves as the input signal
level decreases when used in the unipolar input mode.
Therefore, in unipolar input mode, the integral linearity of
the DDC101 is specified as a small base error plus a
percentage of reading error or as a percentage of full scale
range. A best-fit straight line method is used to determine
integral linearity. Two different best-fit straight lines are
used for the two unipolar integral linearity specifications.
For bipolar input mode, linearity is specified only as a
percentage of full scale range.
To illustrate the improvement in unipolar mode linearity
error, Figure 10 shows the maximum unipolar integral lin-
earity error (ILE) of the DDC101 as a function of the input
signal level. The maximum integral linearity error is
±0.0244% of reading ±2.5ppm of FSR (ILE max for unipo-
lar input of –1.95 to 0 pc is
±0.0244% of reading ±3.0ppm
of FSR). Thus, the maximum ILE for an input level of 1%
of FSR is 0.0005%FSR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com