Electronic Components Datasheet Search
  English  ▼

X  

DDC101 Datasheet(PDF) 11 Page - Texas Instruments

Part # DDC101
Description  20-BIT ANALOG-TO-DIGITAL CONVERTER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DDC101 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DDC101 Datasheet HTML 7Page - Texas Instruments DDC101 Datasheet HTML 8Page - Texas Instruments DDC101 Datasheet HTML 9Page - Texas Instruments DDC101 Datasheet HTML 10Page - Texas Instruments DDC101 Datasheet HTML 11Page - Texas Instruments DDC101 Datasheet HTML 12Page - Texas Instruments DDC101 Datasheet HTML 13Page - Texas Instruments DDC101 Datasheet HTML 14Page - Texas Instruments DDC101 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
11
DDC101
®
TYPICAL PERFORMANCE CURVES (CONT)
ELECTRICAL
System Clock = 2MHz, V
S = ±5VDC, VREF = –2.5V, L = 1 Integration/Conversion, and TA = +25°C, unless otherwise noted.
NOISE vs INPUT CAPACITANCE, UNIPOLAR INPUT
40
35
30
25
20
15
10
5
0
0
100
200
500
1000
2000
C
IN (pF)
No CDS
CDS On, K = 16
1ms Integration Time
M = 128 Oversamples
CHANGE IN I
B vs TEMPERATURE
2.0
0
–2.0
–4.0
–6.0
–8.0
–40
–20
0
20
40
60
80
100
Temperature (°C)
NOISE vs TEMPERATURE, UNIPOLAR INPUT
5
4
3
2
1
0
–40
–20
0
25
45
65
85
Temperature (°C)
1ms Integration Time
K = 16 Acquisition Clocks
M = 128 Oversamples
NOISE vs INTEGRATION TIME, UNIPOLAR INPUT
5
4
3
2
1
0
0.1
1
10
100
Integration Time (ms)
M = 256 O/S
M = 16 O/S
M = 64 O/S
K = 16 Acquisition Clocks
C
IN = 0pF
INPUT OFFSET VOLTAGE vs INPUT CAPACITANCE
0.050
0.000
–0.050
0.100
–0.150
–0.200
–0.250
–0.300
0
100
500
C
IN (pF)
NOISE vs OVERSAMPLING, UNIPOLAR INPUT
50
10
1.0
0.5
1248
16
32
64
128
256
M Oversamples
L = 1 Integration/Conversion
L = 2
L = 4
L = 8
L = 16
L = 32
L = 64
L = 128
L = 256
1ms Integration Time
K = 16 Acquisition Clocks
C
IN = 0pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com