| Electronic Components Datasheet Search |
|
DIR9001 Datasheet(PDF) 21 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DIR9001 Datasheet(HTML) 21 Page - Texas Instruments |
|
21 / 38 page ![]() Clock and Data Recovery SCKO BCKO LRCKO DOUT RXIN Divider FILT XTO XTI FSOUT0 FSOUT1 OSC CLKST VCO CKSEL DGND ERROR PLL Divider Decoder Preamble Detector Charge Pump Clock Decoder Biphase Data Decoder Serial AudioData Formatter ERROR Detector AudioData MUTE Control Sampling Frequency Calculator DIR9001 www.ti.com SLES198A – DECEMBER 2006 – REVISED MAY 2015 Device Functional Modes (continued) The details of these three modes are given in Table 12. Table 12. Operation Mode and Clock Source ERROR OPERATION CKSEL PIN SCKO, BCKO, LRCKO AUDIO FSOUT COUT PIN DOUT DATA BFRAME MODE SETTING CLOCK SOURCE EMPH [1:0] UOUT STATUS PLL (VCO) free-running H MUTE (Low) LOW HL LOW LOW clock(1) PLL L L PLL recovered clock Decoded data OUT OUT OUT OUT H XTI clock MUTE (Low) LOW HL LOW LOW XTI H L XTI clock MUTE (Low) OUT OUT OUT LOW H XTI clock MUTE (Low) LOW HL LOW LOW Connected to AUTO ERROR pin L PLL recovered clock Decoded data OUT OUT OUT OUT (1) The VCO free-running frequency is not a constant frequency, because the VCO oscillation frequency is dependent on supply voltage, temperature, and process variations. Figure 12. Clock Source, Source Selector and Data Path 8.4.1.2 Clock Transition Signal Out The DIR9001 provides an output pulse that is synchronized with the PLL’s LOCK/UNLOCK status change. The CLKST pin outputs the PLL status change between LOCK and UNLOCK. The CLKST output pulse depends only on the status change of the PLL. This clock change/transition signal is output through CLKST. As this signal indicates a clock transition period due to a PLL status change, it can be used for muting or other appropriate functions in an application. A clock source selection caused by the CLKSEL pin does not affect the output of CLKST. Copyright © 2006–2015, Texas Instruments Incorporated Submit Documentation Feedback 21 Product Folder Links: DIR9001 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |