Electronic Components Datasheet Search
  English  ▼

X  

DIR9001 Datasheet(PDF) 3 Page - Texas Instruments

Part # DIR9001
Description  DIR9001 96-kHz, 24-Bit Digital Audio Interface Receiver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DIR9001 Datasheet(HTML) 3 Page - Texas Instruments

  DIR9001 Datasheet HTML 1Page - Texas Instruments DIR9001 Datasheet HTML 2Page - Texas Instruments DIR9001 Datasheet HTML 3Page - Texas Instruments DIR9001 Datasheet HTML 4Page - Texas Instruments DIR9001 Datasheet HTML 5Page - Texas Instruments DIR9001 Datasheet HTML 6Page - Texas Instruments DIR9001 Datasheet HTML 7Page - Texas Instruments DIR9001 Datasheet HTML 8Page - Texas Instruments DIR9001 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
DIR9001
www.ti.com
SLES198A – DECEMBER 2006 – REVISED MAY 2015
5 Device Comparison Table
5.1 Differences From DIR1703
The DIR9001 has many improved functions compared to the DIR1703.
The DIR9001 functions are similar to those of the DIR1703.
The DIR9001 pin assignment is equivalent to that of the DIR1703.
The DIR9001 biphase input signal decoding function is almost equivalent to that of the DIR1703.
The differences between the DIR9001 and DIR1703 are shown in Table 1.
Table 1. Main Differences Between DIR1703 and DIR9001
DIFFERENCE
DIR1703
DIR9001
Operational supply-voltage range
3 V to 3.6 V
2.7 V to 3.6 V
Operation temperature range
–25°C to 85°C
–40°C to 85°C
Package
SSOP-28P, pin pitch: 0.65 mm
TSSOP-28P, pin pitch: 0.65 mm
Clock recovery architecture
SpAct™ feature
Conventional PLL
IEC60958-3 jitter tolerance
Not compliant
Compliant
IEC60958 sampling frequency accuracy
Level II (±1000 ppm)
Level III (±12.5%)
Acceptable sampling frequency
32/44.1/48/88.2/96 kHz, ±1500 ppm
28 kHz to 108 kHz continuous
Biphase input signal level
CMOS level
5-V tolerant TTL level
Connection of loop filter
Between FILT pin and VCC
Between FILT pin and AGND
XTI source clock frequency
One of the following clock sources or
Optional 24.576-MHz (24.576-MHz clock is
resonators must be connected to the XTI pin:
only required to use the internal actual-
4.069/5.6448/6.144/ 8.192/11.2896/12.288/
sampling-frequency calculator or use the
16.384/16.9344/18.432/ 22.5792/24.576-MHz
DIR9001 as a 24.576-MHz clock generator.)
BFRAME H period
32/fS
8/fS
Channel status and user data
Synchronous with LRCK transition
17-BCK delay from LRCK transition
Latest tracked frequency hold
Available
Not available
PLL mode clock at error
Latest tracked frequency
VCO free-running frequency
Clock transition signal out
CKTRNS pin, active H
CLKST pin, active-high
Oscillation amplifier
External feedback resistor (typ. 1 M
Ω)
Internal feedback resistor
The differences between the DIR1703 and DIR9001 I/O pins are shown in Table 2.
Table 2. The Differences Between DIR1703 and DIR9001 in All I/O Pin
PIN NO.
DIR1703
DIR9001
DIFFERENCES
DESCRIPTIONS OF DIR9001
1
ADFLG
AUDIO
Pin name only
Channel-status data information of non-audio sample word, active-low
2
BRATE0
FSOUT0
Pin name only
Actual-sampling-frequency calculated result output 0
3
BRATE1
FSOUT1
Pin name only
Actual-sampling-frequency calculated result output 1
4
SCKO
SCKO
Same function
System clock output
5
VDD
VDD
Same function
Digital power supply, 3.3-V
6
DGND
DGND
Same function
Digital ground
7
XTO
XTO
Same function
Oscillation amplifier output
8
XTI
XTI
Same function
Oscillation amplifier input, or external XTI source clock input
9
CKTRNS
CLKST
CLKST is active-high
Clock change/transition signal output
10
LRCKO
LRCKO
Same function
Audio data latch enable output
11
BCKO
BCKO
Same function
Audio data bit clock output
12
DOUT
DOUT
Same function
16 bit–24 bit decoded serial digital audio data output
13
SCF0
PSCK0
Pin name only
SCKO output frequency selection 0
14
SCF1
PSCK1
Pin name only
SCKO output frequency selection 1
15
CSBIT
COUT
Pin name only
Channel-status data serial output synchronized with LRCKO
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: DIR9001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com